Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXP610 Datasheet(PDF) 4 Page - Level One

Part # LXP610
Description  Low-Jitter Multi-Rate Clock Adapter(CLAD)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

LXP610 Datasheet(HTML) 4 Page - Level One

  LXP610 Datasheet HTML 1Page - Level One LXP610 Datasheet HTML 2Page - Level One LXP610 Datasheet HTML 3Page - Level One LXP610 Datasheet HTML 4Page - Level One LXP610 Datasheet HTML 5Page - Level One LXP610 Datasheet HTML 6Page - Level One LXP610 Datasheet HTML 7Page - Level One LXP610 Datasheet HTML 8Page - Level One LXP610 Datasheet HTML 9Page - Level One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
çðìé
/;3çìí /RZð-LWWHU 0XOWLð5DWH &ORFN $GDSWHU õ&/$'ô
L1
-LWWHU 7UDQVIHU
7KH &/$' LV VHQVLWLYH WR MLWWHU RQ WKH LQSXW FORFN LQ FHUWDLQ
IUHTXHQF\ EDQGV 7KH MLWWHU WUDQVIHU FXUYH LV GHWHUPLQHG E\
WKH IUHTXHQF\ DQG DPSOLWXGH RI WKH LQSXW MLWWHUï 7HVW 6SHFLð
ILFDWLRQ )LJXUHV é DQG è VKRZ QRPLQDO MLWWHU WUDQVIHU PHDð
VXUHG LQ QDQRVHFRQGVï 7KHVH ILJXUHV JUDSK RXWSXW MLWWHU
õOHVV LQWULQVLF MLWWHUô GLYLGHG E\ LQSXW MLWWHU õíïëè 8,ôï -LWWHU
WUDQVIHU IURP D ëïíéå 0+] &/., WR D ìïèéé 0+] &/.2 LV
VKRZQ LQ )LJXUH éï ,Q WKLV PRGHñ MLWWHU LQ WKH FULWLFDO å N+]
EDQG LV DWWHQXDWHG ZKLOH MLWWHU LQ WKH ìå ð æí N+] EDQG LV
WUDQVIHUUHG ZLWK D VPDOO QHW JDLQï -LWWHU WUDQVIHU IURP D
ìïèéé 0+]&/.,WRD ëïíéå0+] &/.2 LV VKRZQLQ)LJð
XUH èï ,Q ERWK PRGHVñ ZLWK DQ LQSXW MLWWHU OHYHO RI íïëè 8,ñ
MLWWHU WUDQVIHU LV KHOG EHORZ D QHW JDLQ RI ìïììíï õ-LWWHU WUDQVð
IHU YDULHV ZLWK WKH LQSXW MLWWHU OHYHOï 3HUIRUPDQFH LQ D SDUð
WLFXODU DSSOLFDWLRQ VKRXOG EH YHULILHG LQ WKH DFWXDO FLUFXLWïô
7DEOH êã ,QSXW WR 2XWSXW )UHTXHQF\ &RQYHUVLRQ 2SWLRQV
&/.,
&/.2
+)2
)62
3é 3ê 3ë 3ì
6(/
ìïèéé
ëïíéå
çïìéé
/RQJ õ/ô
í
í
;
í
í
ìïèéé
ëïíéå
åïìäë
6KRUW õ6ô
í
í
ì
ì
í
ìïèéé
ëïèçí
æïçåí
/
í
ì
;
í
í
ìïèéé
éïíäç
åïìäë
/
ì
í
ì
ì
í
ëïíéå
ìïèéé
çïìæç
/
í
í
ì
;
ì
ëïíéå
ëïíéå
êïíåå
êïíåå
çïìæç
çïìæç
/
/
íí
í;
ìí
ì
ì
ëïèçí
ìïèéé
æïæëí
/
;
ì
;
í
ì
êïíåå
ëïíéå
çïìéé
/
ì
í
;
í
í
êïíåå
ëïíéå
åïìäë
6
í
í
í
ì
í
êïíåå
éïíäç
åïìäë
/
ì
í
í
ì
í
éïíäç
ìïèéé
çïìæç
/
ì
í
ì
ì
ì
éïíäç
êïíåå
çïìæç
/
ì
í
í
ì
ì
çïìæç
ëïíéå
åïìäë
6
í
ì
ì
ì
í
çïìæç
ëïèçí
æïçåí
/
ì
ì
;
í
í
çïìæç
çïìæç
éïíäç
éïíäç
åïìäë
åïìäë
/
/
íìí
ì
ìì
í
í
åïìäë
ìïèéé
çïìæç
/
;
ì
ì
ì
ì
åïìäë
êïíåå
çïìæç
/
;
ì
í
ì
ì


Similar Part No. - LXP610

ManufacturerPart #DatasheetDescription
logo
Level One
LXP600A LVL1-LXP600A Datasheet
680Kb / 10P
   Low-Jitter Clock Adapters(CLADs)
LXP602 LVL1-LXP602 Datasheet
680Kb / 10P
   Low-Jitter Clock Adapters(CLADs)
LXP604 LVL1-LXP604 Datasheet
680Kb / 10P
   Low-Jitter Clock Adapters(CLADs)
More results

Similar Description - LXP610

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01_17 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
logo
Dallas Semiconductor
DS21610-DS21610SN DALLAS-DS21610-DS21610SN Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
logo
Maxim Integrated Produc...
DS21600 MAXIM-DS21600 Datasheet
339Kb / 13P
   3.3V/5V Clock Rate Adapter
REV: 113004
logo
Integrated Circuit Syst...
M844 ICST-M844 Datasheet
141Kb / 1P
   MULTI-RATE CLOCK RECOVERY
logo
Maxim Integrated Produc...
DS21610 MAXIM-DS21610 Datasheet
324Kb / 15P
   3.3V/5V Clock Rate Adapter
REV: 011606
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com