Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STUD420S Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STUD420S
Description  S uper high dense cell design for low R DS (ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD420S Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STUD420S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD420S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD420S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD420S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD420S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD420S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD420S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD420S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
S T U/D420S
6
Figure 12. Ma ximum S a fe
Opera ting Area
V DS ,Drain-S ource V oltage (V )
100
10
0.5
0.1
1
110
30
60
V GS =10V
S ingle P uls e
Tc=25 C
R D
S (O
N)
Lim
it
DC
1s
10
0ms
10ms
1m
s
80
F igure 10. G a te C ha rge
Q g, T otal G ate Charge (nC)
10
8
6
4
2
0
03
6
9
12
15
18
21 24
V DS =20V
ID=10A
Figure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
F igure 11. s witching cha ra cteris tics
R g, G ateR es is tance(
Ω)
100
10
1
1
610
60 100
60
600
300
220
TD(on)
T D(off)
Tr
Tf
V DS =15V , ID=1A
V G S =10V
5
0
5
10
15
20
25
30
900
750
600
450
300
150
0
Cis s
Cos s
Crs s
Square W ave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
2
1
0.1
0.01
10
-5
10
-4
10
-3
10
-2
10
-1
110
D=0.5
0.2
0.1
0.05
0.02
0.01
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A =P DM*R JA (t)
4. Duty C ycle, D=t1/t2
S ING LE P ULS E


Similar Part No. - STUD420S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD421S SAMHOP-STUD421S Datasheet
124Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD426S SAMHOP-STUD426S Datasheet
119Kb / 9P
   Super high dense cell design for low RDS (ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
   S uper high dense cell design for low R DS (ON).
More results

Similar Description - STUD420S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2306E SAMHOP-STS2306E Datasheet
141Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD2030PLS SAMHOP-STUD2030PLS Datasheet
131Kb / 9P
   S uper high dense cell design for low R DS (ON).
SDT02N02 SAMHOP-SDT02N02 Datasheet
129Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD302S SAMHOP-STUD302S Datasheet
110Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD303S SAMHOP-STUD303S Datasheet
190Kb / 8P
   S uper high dense cell design for low R DS (ON).
STM4470A SAMHOP-STM4470A Datasheet
123Kb / 7P
   S uper high dense cell design for low R DS (ON).
STUD3055L SAMHOP-STUD3055L Datasheet
125Kb / 8P
   S uper high dense cell design for low R DS (ON).
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
   S uper high dense cell design for low R DS (ON).
STUD410S SAMHOP-STUD410S Datasheet
90Kb / 8P
   S uper high dense cell design for low R DS (ON).
STUD428S SAMHOP-STUD428S Datasheet
100Kb / 9P
   S uper high dense cell design for low R DS (ON).
STUD1530PL SAMHOP-STUD1530PL Datasheet
103Kb / 8P
   S uper high dense cell design for low R DS (ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com