Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7314 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # 7314
Description  AC POWER CONTROLLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

7314 Datasheet(HTML) 2 Page - LSI Computer Systems

  7314 Datasheet HTML 1Page - LSI Computer Systems 7314 Datasheet HTML 2Page - LSI Computer Systems 7314 Datasheet HTML 3Page - LSI Computer Systems 7314 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7314-033197-2
*LS7314 & LS7315
**LS7315-51
(1)
The TRIG Phase Angles shown in TABLE 1 are referenced
to the SYNC input. Ø values are mask programmable.
(2)
The percentage of Full Power delivered to a resistive load
by the Triac Switch.
FIGURE 4C VALUE TABLE
CONDITION
C2(µF)
(1), (3)
0.47
(1), (4)
0.33
(2), (3)
0.68
(2), (4)
0.47
(1) No LEDs
(2) 5mA LEDs
(3) 115VAC, C2 = 200V
(4) 220VAC, C2 = 400V
FIGURE 4C and 4D NOTES
NOTE 1: Value for 5mA LEDs.
NOTE 2: Use zener which produces 6.2V ±5% at 500µA or
less, i. e. P/N MZ4627.
NOTE 3: R6-C6 Snubber Network may be required for large
inductive loads.
NOTE 4: Tie all unused touch inputs together and return to Vss
through 100k Ohm, 1/4W resistor.
NOTE 5: The AC Mains Polarity shown is required for Touch
Control applications.
DRIVER
DRIVER
10
15
8
CONTROL
LOGIC
DRIVER
DIGITAL
COMPARATOR
POWER
LEVEL
ROM
PHASE
ANGLE
POINTER
PHASE-LOCKED
LOOP
AND
CLOCK
GENERATOR
LEVEL 1
LEVEL 10
11
+
-
+
-
+
-
V SS
V DD
TRIG
CAP
OFF
PL1
PL10
13
FIGURE 3. LS7314-LS7315 BLOCK DIAGRAM
12
+
-
V SS
V DD
SYNC
TABLE 1. TRIG PHASE ANGLES, Ø (1)
PL
Ø *
% PWR (2)
Ø **
%PWR (2)
1
43°
8
81°
40
2
55°
16
105°
67
3
68°
26
116°
77
4
81°
40
120°
80
5
95°
55
123°
83
6
108°
69
129°
87
7
122°
82
134°
90
8
134°
90
160°
99
9
147°
96
167°
99
10
160°
99
175°
99
R3
OFF
PL1
PL10
FIGURE 4A. PUSHBUTTON INTERFACE FOR LS7315
VDD
R3 = 10K
, 1/4W
R8
R8
R7
R8
R8
R7
R8
R8
R7
Vss
TP
TP
TP
PL10
PL1
OFF
FIGURE 4B. TOUCH INTERFACE FOR LS7314
SEE NOTE 4
R7 = 1M
to 5M
, 1/4W (Select for Sensitivity)
R8 = 2.7M
, 1/4W for 115VAC Mains
R8 = 4.7M
, 1/4W for 220VAC Mains


Similar Part No. - 7314

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7314 STMICROELECTRONICS-7314 Datasheet
111Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
logo
Analog Devices
7314 AD-7314 Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
logo
NIHON DEMPA KOGYO
7314A NDK-7314A Datasheet
84Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7314A-ASV71-A NDK-7314A-ASV71-A Datasheet
84Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7314A-ASV71-E NDK-7314A-ASV71-E Datasheet
84Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
More results

Similar Description - 7314

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7314 LSI-LS7314_03 Datasheet
70Kb / 4P
   AC POWER CONTROLLERS
LS7310 LSI-LS7310_03 Datasheet
65Kb / 4P
   AC POWER CONTROLLERS
LS7310 LSI-LS7310 Datasheet
41Kb / 4P
   AC POWER CONTROLLERS
logo
Nell Semiconductor Co.,...
495PT NELLSEMI-495PT Datasheet
813Kb / 3P
   AC controllers
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
   AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
logo
Toshiba Semiconductor
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
   Programmable Controllers AC / DC.Input Module Telecommunication
logo
Carlo Gavazzi Holding A...
RVLFA120075FA CARLOGAVAZZI-RVLFA120075FA Datasheet
1Mb / 11P
   Motor Controllers AC Variable Frequency Drives
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Toshiba Semiconductor
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
   Programmable Controllers AC / DC.Input Module Telecommunication
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
   Programmable Controllers AC/DC-Input Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com