Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN10H170SFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN10H170SFG
Description  N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H170SFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN10H170SFG_15 Datasheet HTML 1Page - Diodes Incorporated DMN10H170SFG_15 Datasheet HTML 2Page - Diodes Incorporated DMN10H170SFG_15 Datasheet HTML 3Page - Diodes Incorporated DMN10H170SFG_15 Datasheet HTML 4Page - Diodes Incorporated DMN10H170SFG_15 Datasheet HTML 5Page - Diodes Incorporated DMN10H170SFG_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMN10H170SFG
Document number: DS36147 Rev. 4 - 2
2 of 6
www.diodes.com
August 2013
© Diodes Incorporated
DMN10H170SFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
TC = +25°C
ID
2.9
2.4
8.5
A
t<10s
TA = +25°C
TA = +70°C
ID
3.7
3.0
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
3.0
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
16
A
Avalanche Current (Note 7)
IAR
5.3
A
Avalanche Energy (Note 7)
EAR
20
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.94
W
TA = +70°C
0.6
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
137
°C/W
t<10s
82
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.0
W
TA = +70°C
1.3
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
60
°C/W
t<10s
36
°C/W
Thermal Resistance, Junction to Case (Note 6)
RθJC
7.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
100
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1.0
μA
VDS = 100V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.0
3.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
99
122
mΩ
VGS = 10V, ID = 3.3A
104
133
VGS = 4.5V, ID = 3.0A
Forward Transfer Admittance
|Yfs|
4.4
S
VDS = 10V, ID = 3.3A
Diode Forward Voltage
VSD
0.7
1.0
V
VGS = 0V, IS = 3.3A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
870.7
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
40.8
pF
Reverse Transfer Capacitance
Crss
24.6
pF
Gate resistance
Rg
1.1
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
7.0
nC
VDS = 50V, ID = 3.3A
Total Gate Charge (VGS = 10V)
Qg
14.9
nC
Gate-Source Charge
Qgs
3.3
nC
Gate-Drain Charge
Qgd
3.0
nC
Turn-On Delay Time
tD(on)
4.4
ns
VDD = 50V, VGEN = 10V,
RGEN = 6.0Ω, ID = 3.3A
Turn-On Rise Time
tr
2.3
ns
Turn-Off Delay Time
tD(off)
13.9
ns
Turn-Off Fall Time
tf
3.4
ns
Reverse Recovery Time
trr
22.4
ns
IS = 3.3A, dI/dt = 100A/μs
Reverse Recovery Charge
Qrr
19.7
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. UIS in production with L = 1.43mH, TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMN10H170SFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H170SFG-13 DIODES-DMN10H170SFG-13 Datasheet
301Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN10H170SFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3030LFG DIODES-DMN3030LFG_15 Datasheet
278Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3029LFG DIODES-DMN3029LFG_15 Datasheet
201Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7410SFG DIODES-DMG7410SFG_15 Datasheet
204Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFG DIODES-DMG7430LFG_15 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMT6016LPS DIODES-DMT6016LPS_15 Datasheet
645Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H120SFG DIODES-DMN10H120SFG_15 Datasheet
247Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN4008LFG DIODES-DMN4008LFG_15 Datasheet
341Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com