Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

610-301-21 Datasheet(PDF) 3 Page - Marl International Limited

Part # 610-301-21
Description  Water clear lens
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

610-301-21 Datasheet(HTML) 3 Page - Marl International Limited

  610-301-21_15 Datasheet HTML 1Page - Marl International Limited 610-301-21_15 Datasheet HTML 2Page - Marl International Limited 610-301-21_15 Datasheet HTML 3Page - Marl International Limited 610-301-21_15 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
610 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph A
10
20
30
40
50
6
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph R
10
20
30
40
50
8.5
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph Y
10
20
30
40
50
also available
Part numbers also available in the 610 series:
Part
Number
Colour
Voltage
Vopr
610-301-23-50
Red
28 Vdc
610-302-21
Red
12 Vdc
610-303-21-32
Red
12 Vdc
610-313-23
Green
28 Vdc
610-324-23-50
Green
28 Vdc
610-325-23-15
Yellow
28 Vdc
610-325-23-50
Yellow
28 Vdc
610-330-04
Red/Green
20 mA dc
610-330-04-19
Red/Green
20 mA dc
610-330-04-50
Red/Green
20 mA dc
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 610 - version 2013-09-24-173442
page 3 of 4


Similar Part No. - 610-301-21_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
610-301-21_1309 MARL-610-301-21_1309 Datasheet
402Kb / 4P
   high performance panel lamps
610-301-21_1309 MARL-610-301-21_1309 Datasheet
402Kb / 4P
   Black anodised aluminium housing
More results

Similar Description - 610-301-21_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
208-501-21-38 MARL-208-501-21-38_15 Datasheet
271Kb / 5P
   Water clear lens
235-038-9307 MARL-235-038-9307_15 Datasheet
254Kb / 4P
   Water clear lens
236-038-9307 MARL-236-038-9307_15 Datasheet
265Kb / 4P
   Water clear lens
202-301-23-3811 MARL-202-301-23-3811_15 Datasheet
279Kb / 5P
   Water clear lens
238-501-98 MARL-238-501-98_15 Datasheet
206Kb / 4P
   Water clear lens
206-501-21-38 MARL-206-501-21-38_15 Datasheet
320Kb / 5P
   Water clear lens
205-501-21-38 MARL-205-501-21-38_15 Datasheet
274Kb / 5P
   Water clear lens
212-501-21-38 MARL-212-501-21-38_15 Datasheet
265Kb / 5P
   Water clear lens
logo
LUMEX INC.
OED-ST5093C30 LUMEX-OED-ST5093C30 Datasheet
56Kb / 1P
   Photo TRansistor, Water Clear Lens
logo
Unity Opto Technology
MVL-514G UOT-MVL-514G Datasheet
41Kb / 3P
   Standard water clear plastic lens
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com