Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3844 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3844
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3844 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3844_15 Datasheet HTML 3Page - Linear Technology LT3844_15 Datasheet HTML 4Page - Linear Technology LT3844_15 Datasheet HTML 5Page - Linear Technology LT3844_15 Datasheet HTML 6Page - Linear Technology LT3844_15 Datasheet HTML 7Page - Linear Technology LT3844_15 Datasheet HTML 8Page - Linear Technology LT3844_15 Datasheet HTML 9Page - Linear Technology LT3844_15 Datasheet HTML 10Page - Linear Technology LT3844_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3844
7
3844fb
FUNCTIONAL DIAGRAM
PIN FUNCTIONS
BOOST (Pin 16): The BOOST pin is the supply for the
bootstrapped gate drive and is externally connected to a
low ESR ceramic boost capacitor referenced to SW pin.
The recommended value of the BOOST capacitor, CBOOST,
is 50 times greater than the total input capacitance of the
topside MOSFET. In most applications 0.1μF is adequate.
The maximum voltage that this pin sees is VIN + VCC,
ground referred.
Exposed Pad (Pin 17): SGND. The exposed leadframe is
internally connected to the SGND pin. Solder the exposed
pad to the PCB ground for electrical contact and optimal
thermal performance.
+
+
VIN
UVLO
(<4V)
BST
UVLO
8V
REGULATOR
FEEDBACK
REFERENCE
+
1.231V
3.8V
REGULATOR
INTERNAL
SUPPLY RAIL
1
9
6
VIN
VCC
UVLO
(<6V)
SHDN
DRIVE
CONTROL
NOL
SWITCH
LOGIC
DRIVE
CONTROL
BURST_EN
VC
CSS
SENSE
VFB
0.5V
2μA
50μA
Burst Mode
OPERATION
R
S
Q
OSCILLATOR
SLOPE COMP
GENERATOR
BOOST
TG
SW
VCC
PGND
SYNC
fSET
RSET
SENSE+
SGND
BOOSTED SWITCH
DRIVER
CURRENT
SENSE
COMPARATOR
12
7
8
13
14
10
11
5
3
100mV
4
2
16
15
VREF + 200mV
SOFT-START
BURST DISABLE
DRIVER
FAULT CONDITION:
VIN UVLO
VCC UVLO
VSHDN UVLO
CSS CLAMPED TO
VFB + VBE
VREF
~1V
gm
ERROR
AMP
+
M1
D2
D3
D1
L1
(OPTIONAL)
RSENSE
3844 FD
CC2
CC1
R1
RA
RB
VIN
CIN
R2
CBOOST
VOUT
COUT
CVCC
RC


Similar Part No. - LT3844_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3844EFE LINER-LT3844EFE Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3844EFE-PBF LINER-LT3844EFE-PBF Datasheet
250Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3844EFE-TRPBF LINER-LT3844EFE-TRPBF Datasheet
250Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3844IFE LINER-LT3844IFE Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3844IFE-PBF LINER-LT3844IFE-PBF Datasheet
250Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
More results

Similar Description - LT3844_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3844EFE LINER-LT3844EFE Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3844 LINER-LT3844 Datasheet
250Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3724 LINER-LT3724_15 Datasheet
319Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller
LT3724EFE LINER-LT3724EFE Datasheet
263Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller
LT3724 LINER-LT3724 Datasheet
293Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller
LT3845 LINER-LT3845_1 Datasheet
254Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3724 LINER-LT3724_1 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com