Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

515-501-04 Datasheet(PDF) 2 Page - Marl International Limited

Part # 515-501-04
Description  Colour diffused lens
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

515-501-04 Datasheet(HTML) 2 Page - Marl International Limited

  515-501-04_15 Datasheet HTML 1Page - Marl International Limited 515-501-04_15 Datasheet HTML 2Page - Marl International Limited 515-501-04_15 Datasheet HTML 3Page - Marl International Limited 515-501-04_15 Datasheet HTML 4Page - Marl International Limited 515-501-04_15 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
* = Current version
^ = Voltage version
BS EN ISO 9001:2008
approved manufacturer
515 series
13+0.1
0
9
22
5
Sealing Washer
Lock Washer
Nut
Certification Details
Flying leads up to 3m
205mm standard
Mounting Hole
housing material
Body
Nut
Panel Seal
Termination Tags
Lens
Encapsulation
Lock Washer
Header
Brass to BS 2874 CZ121, Nickel plated to BS 1224
Brass to BS 2874 CZ121, Nickel plated to BS 1224
Viton
-
Polycarbonate
Clear: Stycast 1264A / 1264B catalyst. Blue: Stycast 2850FT / 24LV catalyst
Zinc Plated Steel
-
515
1000
1000^
12.7
1.0
19.5
1.5 - 5.0
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 515 - version 2013-09-24-173349
page 2 of 5


Similar Part No. - 515-501-04_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
515-501-04-19 MARL-515-501-04-19 Datasheet
397Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
515-501-04-19 MARL-515-501-04-19 Datasheet
397Kb / 5P
   Suitable for high vibration applications
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
   Suitable for high vibration applications
515-501-04_1309 MARL-515-501-04_1309 Datasheet
402Kb / 5P
   industrial panel lamps
515-501-04_1309 MARL-515-501-04_1309 Datasheet
402Kb / 5P
   Robust bright nickel plated brass housing
More results

Similar Description - 515-501-04_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
103-305-04 MARL-103-305-04_15 Datasheet
208Kb / 5P
   Colour diffused lens
534-501-7512 MARL-534-501-7512_15 Datasheet
382Kb / 5P
   Colour diffused lens
611-301-21 MARL-611-301-21_15 Datasheet
450Kb / 5P
   Colour diffused lens
643-503-0412 MARL-643-503-0412_15 Datasheet
401Kb / 4P
   Colour diffused lens
104-505-04 MARL-104-505-04_15 Datasheet
164Kb / 4P
   Colour diffused lens
109-305-04 MARL-109-305-04_15 Datasheet
222Kb / 5P
   Colour diffused lens
110-505-04 MARL-110-505-04_15 Datasheet
161Kb / 4P
   Colour diffused lens
538-501-7512 MARL-538-501-7512_15 Datasheet
395Kb / 5P
   Colour diffused lens
671-290-2212 MARL-671-290-2212_15 Datasheet
374Kb / 4P
   Colour diffused lens
532-102-6307 MARL-532-102-6307_15 Datasheet
256Kb / 4P
   Colour diffused lens
537-501-7512 MARL-537-501-7512_15 Datasheet
316Kb / 5P
   Colour diffused lens
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com