Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS7237 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7237
Description  TOUCH CONTROL LAMP STEP DIMMER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7237 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7237 Datasheet HTML 1Page - LSI Computer Systems LS7237 Datasheet HTML 2Page - LSI Computer Systems LS7237 Datasheet HTML 3Page - LSI Computer Systems LS7237 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C1 = 0.15µF,200V
R4 = 1M
Ω to 5MΩ,1/4W
C2 = 0.33µF,200V
(Select for sensitivity)
C3 = 0.047µF,25V
R5, R6 = 2.7M
Ω,1/4W
C4 = 470pF,25V
R7 = 150K
Ω,1/4W
C5 = 47µF,25V
R8 = 100
Ω,1/4W
C6 = 680pF,25V
D1 = IN4148
C7 = 0.1µF,25V
Z = 15V,1W (Zener)
R1 = 270
Ω,1W
T = Q4006L4 Triac (Typical)
R2 = 1.5M
Ω,1/4W
L = 100µH (RFI Filter)
R3 = 1.5M
Ω,1/4W
(1) For Connection A. Use 0.22µF for Connection B.
(2) For Connection A, Modes 1 and 2. Use 1/4W for Mode 0
and Connection B, all Modes.
C1 = 0.15µF,400V
R4 = 1M
Ω to 5MΩ,1/4W
C2 = 0.22µF,400V
(Select for sensitivity)
C3 = 0.047µF,25V
R5, R6 = 4.7M
Ω,1/4W
C4 = 470pF,25V
R7 = 150K
Ω,1/4W
C5 = 47µF,25V
R8 = 100
Ω,1/4W
C6 = 680pF,25V
D1 = 1N4148
C7 = 0.1µF,25V
Z = 15V,1W (Zener)
R1 = 1K
Ω, 2W
T = Q5004L4 Triac (Typical)
R2 = 1.5M
Ω,1/4W
L = 200µH (RFI Filter)
R3 = 1.5M
Ω,1/4W
(3) For Connection A. Use 0.1µF for Connection B.
(4) For Connection A, Modes 1 and 2. Use 1/4W for Mode 0
and Connection B, all Modes.
NOTES:
P
115VAC
OR
220VAC
N
LOAD
C1
T
L
C2
R1
R2
A
B
R8
R3
C5
D1
1
2
3
4
8
7
6
5
R4
C3
C4
TRIG VDD EXT SENS
VSS MODE CAP SYNC
+
SEE NOTE 3
LS7237
R6
R5
FIGURE 5. A Typical Lamp Dimmer
G
Z
-
ELECTRONIC
EXTENSION
(FIG. 6)
EXTN
P
C7
SEE NOTE 4
SEE NOTE 2
R7
C6
TOUCH
PLATE
MT2
MT1
1) All circuits connected by broken lines are optional.
2) C7 is used only with electronic extension and R7 is used only with mechanical switch
3) Use Connection A when Neutral is not available. Use Connection B when Neutral is available.
4) Connection between Pin 6 and Pin 7 should be broken when EXT is used.
(1)
115V
220V
7237-041597-4
APPLICATION EXAMPLES:
A typical implementation of a lamp dimmer circuit is shown in Fig. 5.
Here the brightness of the lamp is set by touching the Touch Plate .
The functions of different components are as follows:
• The 15V DC supply for the chip is provided by Z, D1, R1, C2, C5.
• R2 and C4 generate the filtered signal for the SYNC input for syn-
chronizing the internal PLL with the line frequency.
• R3 and C7 act as filter circuit for the electronic extension. If exten-
sions are not used, the EXT input (Pin 6) should be tied to VDD
(Pin 7).
• R4, R5, R6 set up the sensitivity of the SENS input. C6 provides
noise filtering.
• C3 is the filter capacitor for the internal PLL.
• R8 provides current limiting and isolation between the chip output
and the triac gate.
• C1 and L are RF filter circuits.
In the case of momentary power failure, the circuit state remains un-
changed for a period up to 1 sec. For longer power interruptions, the
output is shut off.
EXTENSIONS:
All switching and dimming functions can also be implemented by
utilizing the EXT input. This can be done by either a mechanical
switch or the electronic switch in conjunction with a Touch Plate
as shown in Figure 6. When the plate is touched, a logic high lev-
el is generated at the EXT input of the IC for both half-cycles of
the line frequency. (See Figure 5)
EXTN
2K
Ω ,1/4W
IN914
TOUCH PLATE
*R
200K
Ω ,1/4W
MPS8599
FIGURE 6. ELECTRONIC EXTENSION
P
*R
*R
= 2MΩ, 1/4W for 115VAC
*R
= 3.6MΩ, 1/4W for 220VAC
(2)
(3)
(4)


Similar Part No. - LS7237

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
   TOUCH CONTROL LAMP DIMMER
LS7231 LSI-LS7231 Datasheet
75Kb / 8P
   TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
   TOUCH CONTROL LAMP DIMMER
LS7232 LSI-LS7232 Datasheet
75Kb / 8P
   TOUCH CONTROL LAMP DIMMER
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
   TOUCH CONTROL LAMP DIMMER
More results

Similar Description - LS7237

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
   TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
   TOUCH CONTROL LAMP DIMMER
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
   TOUCH CONTROL LAMP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7538 LSI-LS7538 Datasheet
26Kb / 4P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com