Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS7231 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7231
Description  TOUCH CONTROL LAMP DIMMER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7231 Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7231 Datasheet HTML 1Page - LSI Computer Systems LS7231 Datasheet HTML 2Page - LSI Computer Systems LS7231 Datasheet HTML 3Page - LSI Computer Systems LS7231 Datasheet HTML 4Page - LSI Computer Systems LS7231 Datasheet HTML 5Page - LSI Computer Systems LS7231 Datasheet HTML 6Page - LSI Computer Systems LS7231 Datasheet HTML 7Page - LSI Computer Systems LS7231 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
C1 = 0.15µF,200V
R4 = 1M
Ω to 5MΩ,1/4W
C2 = 0.33µF,200V
(Select for sensitivity)
C3 = 0.047µF,25V
R5, R6 = 2.7M
Ω,1/4W
C4 = 470pF,25V
R7 = 150K
Ω,1/4W
C5 = 47µF,25V
R8 = 100
Ω,1/4W
C6 = 680pF,25V
D1 = IN4148
C7 = 0.1µF,25V
Z = 15V,1W (Zener)
R1 = 270
Ω,1W
T = Q4006L4 Triac (Typical)
R2 = 1.5M
Ω,1/4W
L = 100µH (RFI Filter)
R3 = 1.5M
Ω,1/4W
(1) For Connection A. Use 0.22µF for Connection B.
(2) For Connection A. Use 1/4W for Connection B.
C1 = 0.15µF, 400V
R4 = 1M
Ω to 5MΩ,1/4W
C2 = 0.22µF, 400V
(Select for sensitivity)
C3 = 0.047µF, 25V
R5, R6 = 4.7M
Ω,1/4W
C4 = 470pF, 25V
R7 = 150K
Ω,1/4W
C5 = 47µF, 25V
R8 = 100
Ω,1/4W
C6 = 680pF,25V
D1 = 1N4148
C7 = 0.1µF, 25V
Z = 15V,1W (Zener)
R1 = 1K
Ω, 2W
T = Q5004L4 Triac (Typical)
R2 = 1.5M
Ω,1/4W
L = 200µH (RFI Filter)
R3 = 1.5M
Ω,1/4W
(3) For Connection A. Use 0.1µF for Connection B.
(4) For Connection A. Use 1/4W for Connection B.
P
115VAC
OR
220VAC
N
LOAD
C1
T
L
C2
R1
R2
A
B
R8
R3
C5
D1
1
2
3
4
8
7
6
5
R4
C3
C4
TRIG
V DD EXT SENS
V SS DOZE CAP SYNC
+
SEE NOTE 4
LS7231-4
DOZE
CIRCUIT
(FIG. 7)
V SS
DZ
SENS
V DD
R6
R5
SEE NOTE 3
FIGURE 5. A Typical Lamp Dimmer
G
Z
-
ELECTRONIC
EXTENSION
(FIG. 6)
EXTN
P
C7
SEE NOTE 5
SEE NOTE 2
R7
C6
NOTES 1) All circuits connected by broken lines are optional.
2) C7 is used only with electronic extension and R7 is used only with mechanical switch.
3) Connection between Pin 1 & Pin 2 should be broken when DOZE circuit is used.
4) Use Connection A when Neutral is not available. Use Connection B when Neutral is available.
5) Connection between Pin 6 & Pin 7 should be broken when EXT is used.
TOUCH
PLATE
MT2
MT1
(1)
115V
220V
7231-4-041597-6
(2)
(3)
(4)


Similar Part No. - LS7231

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
75Kb / 8P
   TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
   TOUCH CONTROL LAMP DIMMER
More results

Similar Description - LS7231

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
   TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
   TOUCH CONTROL LAMP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7237 LSI-LS7237 Datasheet
43Kb / 4P
   TOUCH CONTROL LAMP STEP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
   TOUCH DIMMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com