Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS7183 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7183
Description  QUADRATURE CLOCK CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7183 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7183 Datasheet HTML 1Page - LSI Computer Systems LS7183 Datasheet HTML 2Page - LSI Computer Systems LS7183 Datasheet HTML 3Page - LSI Computer Systems LS7183 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ENCODER
A CLOCK
B CLOCK
6
2
8
7
4
5
8
16
CK-UP
CK-DN
40193
3
A
B
RB
4
5
1
+V
Vss
LS7183
V DD
UPCK
DNCK
FIGURE 6A. TYPICAL APPLICATION FOR LS7183 IN x4 MODE
+V
RBIAS
Vss
MODE
V DD
ENCODER
A CLOCK
B CLOCK
6
2
8
7
8
16
V DD
3
A
B
4
5
1
+V
V DD
+V
CK
UP/DN
Vss
15
10
LS7184
RBIAS
4516
CLK
UP/DN
FIGURE 6B. TYPICAL APPLICATION FOR LS7184 WITH MODE SELECTION
10K
RB
Vss
MODE
SPDT (On - Off - On)
7183/84-082301-4
RBIAS vs Tow
R, Mohm
0
20
40
60
80
100
120
140
160
1
2
3
5.1
6.8
8.2
10
RBIAS vs Tow
R, kohm
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
5
10
20
51
100
220
430
750
Figure 4. Bias resistance vs pulse width. R in k
Ω.
Figure 5. Bias resistance vs pulse width. R in M
Ω.


Similar Part No. - LS7183

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7183N LSI-LS7183N Datasheet
364Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7183 LSI-LS7183_09 Datasheet
428Kb / 4P
   QUADRATURE CLOCK CONVERTER
More results

Similar Description - LS7183

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7183N LSI-LS7183N Datasheet
364Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083NS-14 LSI-LS7083NS-14 Datasheet
186Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082 LSI-LS7082 Datasheet
38Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N_15 Datasheet
466Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1 Datasheet
362Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082N LSI-LS7082N Datasheet
178Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083_09 Datasheet
400Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N Datasheet
352Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083 Datasheet
39Kb / 4P
   QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1_15 Datasheet
257Kb / 4P
   QUADRATURE CLOCK CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com