Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784218AYGF Datasheet(PDF) 9 Page - NEC

Part # UPD784218AYGF
Description  16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784218AYGF Datasheet(HTML) 9 Page - NEC

Back Button UPD784218AYGF Datasheet HTML 5Page - NEC UPD784218AYGF Datasheet HTML 6Page - NEC UPD784218AYGF Datasheet HTML 7Page - NEC UPD784218AYGF Datasheet HTML 8Page - NEC UPD784218AYGF Datasheet HTML 9Page - NEC UPD784218AYGF Datasheet HTML 10Page - NEC UPD784218AYGF Datasheet HTML 11Page - NEC UPD784218AYGF Datasheet HTML 12Page - NEC UPD784218AYGF Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Data Sheet U14121EJ2V0DS00
9
µµµµPD784214A,784215A,784216A,784217A,784218A,784214AY,784215AY,784216AY,784217AY,784218AY
2. MAJOR DIFFERENCES FROM
µµµµPD78078Y SUBSERIES
Series Name
Item
µPD784216A, 784216AY/784218A,
784218AY Subseries
µPD78078Y Subseries
CPU
16-bit CPU
8-bit CPU
With main system
clock
160 ns (@12.5 MHz operation)
400 ns (@5.0 MHz operation)
Minimum instruction
execution time
With subsystem clock
61
µs (@32.768 kHz operation)
122
µs (@32.768 kHz operation)
Memory space
1 MB
64 KB
Total
86
88
CMOS input
8
2
CMOS I/O
72
78
I/O ports
N-ch open-drain I/O
6
8
Pins with pull-up
resistor
70
86
LED direct drive
output
22
16
Pins with
additional
functions
Note 1
Middle-voltage pin
6
8
Timer/counter
• 16-bit timer/event counter × 1 unit
• 8-bit timer/event counter × 6 units
• 16-bit timer/event counter × 1 unit
• 8-bit timer/event counter × 4 units
Serial interface
• UART/IOE (3-wire serial I/O) × 2
channels
• CSI (3-wire serial I/O, multimaster
supporting I
2C busNote 2) × 1 channel
• UART/IOE (3-wire serial I/O) × 1
channel
• CSI (3-wire serial I/O, 2-wire serial
I/O, I
2C bus) × 1 channel
• CSI (3-wire serial I/O, 3-wire serial
I/O with automatic transmit/receive
function)
× 1 channel
NMI pin
Provided
Not provided
Macro service
Provided
Not provided
Context switching
Provided
Not provided
Interrupts
Programmable priority
4 levels
Not provided
Standby function
• HALT/STOP/IDLE modes
• In low power consumption mode:
HALT/IDLE modes
HALT/STOP modes
Package
• 100-pin plastic LQFP (fine pitch)
(14
× 14 mm)
• 100-pin plastic QFP (14 × 20 mm)
• 100-pin plastic LQFP (fine pitch)
(14
× 14 mm)
• 100-pin plastic QFP (14 × 20 mm)
• 100-pin ceramic WQFN
(14
× 20 mm) (
µPD78P078Y only)
Notes 1. Pins with additional functions are included with the I/O pins.
2.
µPD784216AY/784218AY Subseries only


Similar Part No. - UPD784218AYGF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784218AY NEC-UPD784218AY Datasheet
349Kb / 60P
   MOS INTEGRATED CIRCUIT
UPD784218AY NEC-UPD784218AY Datasheet
371Kb / 52P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD784218AYGF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com