Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4001 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # UF4001
Description  SUPER FAST DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

UF4001 Datasheet(HTML) 2 Page - Leshan Radio Company

  UF4001 Datasheet HTML 1Page - Leshan Radio Company UF4001 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
10A–2/2
FIG. 2 – TYPICAL FORWARD
CURRENT DERATING CURVE
AMBIENT TEMPER ATURE, (ºC)
+0.5A
0
-0.25A
-1.0A
1cm
Trr
NOTES:1.Rise Time=7ns max.
Input Impedance=1megohm.22pF.
2.Rise Time=10ns max.
Source Impedance=50 ohms.
(+)
PULSE
GENERAT O R
(NOTE 2)
(-)
D.U.T.
OSCILLOSCOPE
(NOTE 1)
1
NON.
INDUCTIVE
(+)
25Vdc
(APPROX)
(-)
50
10
NONINDUCTIVE
NONINDUCTIVE
FIG.1–TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME
BASE FOR 10 ns/cm
UF4001 – UF4007
RATING AND CHARACTERISTIC CURVES OF SUPER FAST DIODES
20
40
60
80
100
120
140
160
1.0
0.5
0
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375”(9.5mm)
Lead Length
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 3 – TYPICAL REVERSE
CHARACTERISTICS
FIG. 6 – TYPICAL JUNCTION CAPACITANCE
FIG. 5 – MAXINUM NON-REPETITIVE
FOWARD SURGE CURRENT
REVERSE VOLTAGE,(V)
NUMBER OF CYCLES AT 60Hz
FIG. 4 – TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
0
20
40
60
80
100
120
140
100
10
1
.1
.01
TJ = 150ºC
TJ = 25ºC
TJ = 100ºC
10
1
.1
.01
.001
T
J=25ºC
Pulse Width=300
µs
1% Duty Cycle
UF4005-UF4007
UF4001-UF4004
30
25
20
15
10
5
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
100
10
1
8.3ms Single Half Sine-Wave
(JEDEC Method)
TA=55ºC
1
2
4
6
8 10
20
40
60 80100
UF4005-UF4007
UF4001-UF4007
TJ =25ºC
f =1MHz
Vsig =50mVp-p
.1
1
2
10
20
100


Similar Part No. - UF4001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
UF4001 DYELEC-UF4001 Datasheet
968Kb / 2P
   1.0 AMP. Ultra Fast Rectifiers
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
logo
Suntan Capacitors
UF4001 SUNTAN-UF4001 Datasheet
296Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - UF4001

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF21 LRC-SF21 Datasheet
55Kb / 2P
   SUPER FAST DIODES
SF31 LRC-SF31 Datasheet
59Kb / 2P
   SUPER FAST DIODES
SF11 LRC-SF11 Datasheet
55Kb / 2P
   SUPER FAST DIODES
logo
EIC discrete Semiconduc...
SF21 EIC-SF21 Datasheet
48Kb / 2P
   SUPER FAST RECTIFIER DIODES
SFT1 EIC-SFT1 Datasheet
42Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Mitsubishi Electric Sem...
RM35HG-34S MITSUBISHI-RM35HG-34S Datasheet
22Kb / 2P
   Super Fast Recovery Diodes
logo
EIC discrete Semiconduc...
SFT1 EIC-SFT1_05 Datasheet
39Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SFT1 SYNSEMI-SFT1 Datasheet
34Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
SF21G SUNMATE-SF21G Datasheet
285Kb / 2P
   SUPER FAST RECTIFIER DIODES
BYM26A SUNMATE-BYM26A Datasheet
354Kb / 2P
   SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com