Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78P324LPA2 Datasheet(PDF) 4 Page - NEC

Part # UPD78P324LPA2
Description  16-/8-Bit Single-Chip Microcomputers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LPA2 Datasheet(HTML) 4 Page - NEC

  UPD78P324LPA2 Datasheet HTML 1Page - NEC UPD78P324LPA2 Datasheet HTML 2Page - NEC UPD78P324LPA2 Datasheet HTML 3Page - NEC UPD78P324LPA2 Datasheet HTML 4Page - NEC UPD78P324LPA2 Datasheet HTML 5Page - NEC UPD78P324LPA2 Datasheet HTML 6Page - NEC UPD78P324LPA2 Datasheet HTML 7Page - NEC UPD78P324LPA2 Datasheet HTML 8Page - NEC UPD78P324LPA2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
µPD78P324, 78P324(A)
4
PIN CONFIGURATION (Top View)
(1) Normal operation mode
(a) 74-pin plastic QFP(20 x 20 mm); 74-pin ceramic WQFN
P43/AD3
P44/AD4
P45/AD5
P46/AD6
P47/AD7
P50/A8
P51/A9
P52/A10
P53/A11
P54/A12
P55/A13
NC
P56/A14
P57/A15
VDD
AVSS
P70/AN0
P71/AN1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58
P 0/RTP0
WDTO
VSS
NC
X1
X2
RESET
P85/TO11
P84/TO10
P83/TO03
P82/TO02
P81/TO01
P80/TO00
NC
P34/SCK
P33/SI/SB1
P32/SO/SB0
P31/RXD
P30/TXD
57
56
Ø
Caution
As a measure against noise, please connect the NC pin to VSS. (It is also possible to leave this pin
unconnected.)
Remark
Pin-compatible with
µPD78324GJ.


Similar Part No. - UPD78P324LPA2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78P324LP RENESAS-UPD78P324LP Datasheet
651Kb / 82P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD78P324LPA2

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81004 HYNIX-GMS81004 Datasheet
1Mb / 101P
   8-BIT SINGLE CHIP MICROCOMPUTERS
logo
Sharp Corporation
SM6004 SHARP-SM6004 Datasheet
36Kb / 3P
   16-Bit Single-Chip Microcomputers
logo
Panasonic Semiconductor
MN18982 PANASONIC-MN18982 Datasheet
1Mb / 14P
   8-Bit Single-Chip Dual Microcomputers
logo
Sanyo Semicon Device
LC866000A SANYO-LC866000A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
logo
NEC
UPD8049H NEC-UPD8049H Datasheet
896Kb / 13P
   High-Speed, 8-Bit, Single-Chip Hmos Microcomputers
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com