Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG6602SVTQ-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMG6602SVTQ-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG6602SVTQ-13 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DMG6602SVTQ-13 Datasheet HTML 2Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 3Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 4Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 5Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 6Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 7Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 8Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 9Page - Diodes Incorporated DMG6602SVTQ-13 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DMG6602SVTQ
Document number: DS37643 Rev. 1 - 2
6 of 10
www.diodes.com
December 2014
© Diodes Incorporated
DMG6602SVTQ
Electrical Characteristics
– Q2 PMOS (@ T
A = +25°C unless otherwise stated.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-
-
-1.0
µA
VDS = -24V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1.0
-
-2.3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
73
99
95
140
m
Ω
VGS = -10V, ID = -2.7A
VGS = -4.5V, ID = -2A
Forward Transfer Admittance
|Yfs|
-
6
-
S
VDS = -5V, ID = -2.7A
Diode Forward Voltage
VSD
-
-0.8
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
-
350
420
pF
VDS = -15V, VGS = 0V,
f = 1.2MHz
Output Capacitance
Coss
-
50
100
Reverse Transfer Capacitance
Crss
-
45
80
Gate Resistance
Rg
-
17.1
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
-
4
6
nC
VDS = -15V, VGS = -4.5V, ID = -3A
Total Gate Charge (VGS = -10V)
Qg
-
7
9
VDS = -15V, VGS = -10V, ID = -3A
Gate-Source Charge
Qgs
-
0.9
-
Gate-Drain Charge
Qgd
-
1.2
-
Turn-On Delay Time
tD(on)
-
4.8
-
ns
VGS = -10V, VDS = -15V,
RG = 6Ω, RL = 15Ω
Turn-On Rise Time
tr
-
7.3
-
Turn-Off Delay Time
tD(off)
-
20
-
Turn-Off Fall Time
tf
-
13
-
Notes:
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
, DRAIN -SOURCE VOLTAGE(V)
Fig. 12 Typical Output Characteristics
DS
0.0
2.0
4.0
6.0
8.0
V
, GATE SOURCE VOLTAGE(V)
Fig. 13 Typical Transfer Characteristics
GS
0
2
4
6
8
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5


Similar Part No. - DMG6602SVTQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG6602SVTQ DIODES-DMG6602SVTQ Datasheet
561Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG6602SVTQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com