Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG3413L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG3413L
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG3413L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG3413L_15 Datasheet HTML 1Page - Diodes Incorporated DMG3413L_15 Datasheet HTML 2Page - Diodes Incorporated DMG3413L_15 Datasheet HTML 3Page - Diodes Incorporated DMG3413L_15 Datasheet HTML 4Page - Diodes Incorporated DMG3413L_15 Datasheet HTML 5Page - Diodes Incorporated DMG3413L_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG3413L
Document number: DS35051 Rev. 4 - 2
2 of 6
www.diodes.com
September 2013
© Diodes Incorporated
DMG3413L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.7
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
184
°C/W
t<10s
115
Total Power Dissipation (Note 6)
PD
1.3
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
94
°C/W
t<10s
61
Thermal Resistance, Junction to Case
RθJC
25
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
8
V
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
3.0
2.4
A
t<10s
TA = +25°C
TA = +70°C
ID
3.7
2.9
A
Continuous Drain Current (Note 6) VGS = -2.5V
Steady
State
TA = +25°C
TA = +70°C
ID
2.5
2.0
A
t<10s
TA = +25°C
TA = +70°C
ID
3.2
2.5
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
1.9
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
20
A
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1.0
µA
VDS = -16V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = 8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.6
-0.55
-1.3
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
73
95
m
VGS = -4.5V, ID = -3.0A
95
130
VGS = -2.5V, ID = -2.6A
146
190
VGS = -1.8V, ID = -1A
Forward Transfer Admittance
|Yfs|
8
-
S
VDS = -5V, ID = -3A
Diode Forward Voltage
VSD
-0.8
-1.25
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
857
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
54
pF
Reverse Transfer Capacitance
Crss
49
pF
Gate Resistnace
Rg
12.3
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
Qg
9.0
nC
VGS = -4.5V, VDS = -15V, ID = -4A
Gate-Source Charge
Qgs
1.6
nC
Gate-Drain Charge
Qgd
1.1
nC
Turn-On Delay Time
tD(on)
9.7
ns
VDS = -15V, VGS = -10V,
RL = 15, RG = 6.0ID = -1A
Turn-On Rise Time
tr
17.7
ns
Turn-Off Delay Time
tD(off)
268.8
ns
Turn-Off Fall Time
tf
64.2
ns
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate
7 .Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMG3413L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG3413L-7 DIODES-DMG3413L-7 Datasheet
184Kb / 6P
   Low On-Resistance
More results

Similar Description - DMG3413L_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com