Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC4028SSD Datasheet(PDF) 9 Page - Diodes Incorporated

Part # DMC4028SSD
Description  40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4028SSD Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button DMC4028SSD_15 Datasheet HTML 3Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 4Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 5Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 6Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 7Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 8Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 9Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 10Page - Diodes Incorporated DMC4028SSD_15 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DMC4028SSD
Document Number: D35041 Rev: 2 - 2
9 of 11
www.diodes.com
April 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC4028SSD
Typical Characteristics – Q2 P-Channel – (cont.)
0.1
1
10
0
200
400
600
800
1000
C
RSS
C
OSS
C
ISS
V
GS = 0V
f = 1MHz
-V
DS - Drain - Source Voltage (V)
0
2
4
6
8
101214
0
2
4
6
8
10
V
DS = -20V
I
D = -6A
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
Test Circuits – Q2 P-Channel
Current
regulator
Charge
Gate charge test circuit
Switching time test circuit
Basic gate charge waveform
Switching time waveforms
D.U.T
50k
0.2 F
12V
Same as
D.U.T
V
GS
V
GS
VDS
VG
QGS
QGD
QG
VGS
90%
10%
t(on)
t(on)
td(on)
tr
tr
td(off)
V
DS
V
DD
R
D
R
G
Pulse width
1 S
Duty factor 0.1%
V
DS
I
D
I
G


Similar Part No. - DMC4028SSD_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
More results

Similar Description - DMC4028SSD_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
logo
Zetex Semiconductors
ZXMC4A16DN8 ZETEX-ZXMC4A16DN8 Datasheet
186Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC4A16DN8 DIODES-ZXMC4A16DN8 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
ZXMC4A16DN8 DIODES-ZXMC4A16DN8_15 Datasheet
192Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
ACE Technology Co., LTD...
ACE1H004B ACE-ACE1H004B Datasheet
1Mb / 11P
   40V Complementary Enhancement Mode MOSFET
VER 1.2
logo
Diodes Incorporated
DMC4040SSD DIODES-DMC4040SSD_15 Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSD DIODES-DMC4050SSD_15 Datasheet
424Kb / 12P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4040SSD DIODES-DMC4040SSD Datasheet
273Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSD-13 DIODES-DMC4050SSD-13 Datasheet
319Kb / 11P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4050SSDQ DIODES-DMC4050SSDQ Datasheet
450Kb / 12P
   40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com