Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC3400SDW-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMC3400SDW-7
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3400SDW-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC3400SDW-7 Datasheet HTML 1Page - Diodes Incorporated DMC3400SDW-7 Datasheet HTML 2Page - Diodes Incorporated DMC3400SDW-7 Datasheet HTML 3Page - Diodes Incorporated DMC3400SDW-7 Datasheet HTML 4Page - Diodes Incorporated DMC3400SDW-7 Datasheet HTML 5Page - Diodes Incorporated DMC3400SDW-7 Datasheet HTML 6Page - Diodes Incorporated DMC3400SDW-7 Datasheet HTML 7Page - Diodes Incorporated DMC3400SDW-7 Datasheet HTML 8Page - Diodes Incorporated DMC3400SDW-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMC3400SDW
Document number: DS37690 Rev. 1 - 2
3 of 9
www.diodes.com
February 2015
© Diodes Incorporated
DMC3400SDW
Electrical Characteristics
– P Channel – Q2 (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-
-
-1
μA
VDS = -24V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
μA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-1
-
-2.6
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
-
0.36
0.9
VGS = -10V, ID = -0.42A
-
0.57
1.7
VGS = -4.5V, ID = -0.2A
Diode Forward Voltage
VSD
-
-0.8
-1.2
V
VGS = 0V, IS = -0.23A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
54
-
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
10
-
pF
Reverse Transfer Capacitance
Crss
-
8.3
-
pF
Gate Resistance
Rg
-
240
-
VDS = VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
Qg
-
0.6
-
nC
VDS = -10V, ID = -0.24A
Total Gate Charge (VGS = -10V)
Qg
-
1.3
-
nC
Gate-Source Charge
Qgs
-
0.2
-
nC
Gate-Drain Charge
Qgd
-
0.2
-
nC
Turn-On Delay Time
tD(ON)
-
5.7
-
ns
VGS = -10V, VDD = -15V,
ID = -0.5A, RG = 1Ω
Turn-On Rise Time
tR
-
8.8
-
ns
Turn-Off Delay Time
tD(OFF)
-
35
-
ns
Turn-Off Fall Time
tF
-
19
-
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6.
Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMC3400SDW-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC3400SDW DIODES-DMC3400SDW Datasheet
421Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC3400SDW-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com