Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC2400UV-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMC2400UV-7
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2400UV-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DMC2400UV-7 Datasheet HTML 2Page - Diodes Incorporated DMC2400UV-7 Datasheet HTML 3Page - Diodes Incorporated DMC2400UV-7 Datasheet HTML 4Page - Diodes Incorporated DMC2400UV-7 Datasheet HTML 5Page - Diodes Incorporated DMC2400UV-7 Datasheet HTML 6Page - Diodes Incorporated DMC2400UV-7 Datasheet HTML 7Page - Diodes Incorporated DMC2400UV-7 Datasheet HTML 8Page - Diodes Incorporated DMC2400UV-7 Datasheet HTML 9Page - Diodes Incorporated DMC2400UV-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DMC2400UV
Document number: DS35537 Rev. 7 - 2
6 of 10
www.diodes.com
June 2013
© Diodes Incorporated
DMC2400UV
Electrical Characteristics - Q2 P-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -1mA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-100
nA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
±1.0
A
VGS = ±5V, VDS = 0V
±5.0
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-0.5
-1.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
0.67
0.97
VGS = -5V, ID = -100mA
0.7
1.0
VGS = -4.5V, ID = -100mA
0.9
1.5
VGS = -2.5V, ID = -80mA
1.2
2.0
VGS = -1.8V, ID = -40mA
1.5
3.0
VGS = -1.5V, ID = -30mA
5
VGS = -1.2V, ID = -1mA
Forward Transfer Admittance
|Yfs|
0.7
S
VDS = -3V, ID = -100mA
Diode Forward Voltage
VSD
-0.75
-1.2
V
VGS = 0V, IS = -330mA,
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
46.1
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
7.2
Reverse Transfer Capacitance
Crss
4.9
Gate Resistance
Rg
14.3
VDS = 0V, VGS = 0V,
Total Gate Charge VGS = -4.5V
Qg
0.5
nC
VDS = -10V, ID = -250mA
Total Gate Charge VGS = -10V
Qg
0.85
Gate-Source Charge
Qgs
0.09
Gate-Drain Charge
Qgd
0.09
Turn-On Delay Time
tD(on)
8.5
ns
VDD = -3V, VGS = -2.5V,
RL = 300Ω, RG = 25Ω,
ID = -100mA
Turn-On Rise Time
tr
4.3
Turn-Off Delay Time
tD(off)
20.2
Turn-Off Fall Time
tf
19.2
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
01
2
3
4
5
-V , DRAIN -SOURCE VOLTAGE (V)
Fig. 13 Typical Output Characteristics
DS
0
0.2
0.4
0.6
0.8
1.0
01
2
3
4
-V , GATE SOURCE VOLTAGE(V)
Fig. 14 Typical Transfer Characteristics
GS
0
0.2
0.4
0.6
0.8
1.0
T = 125 C
A


Similar Part No. - DMC2400UV-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2400UV-7 DIODES-DMC2400UV-7 Datasheet
287Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC2400UV-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com