Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC1029UFDB-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMC1029UFDB-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC1029UFDB-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMC1029UFDB-13 Datasheet HTML 1Page - Diodes Incorporated DMC1029UFDB-13 Datasheet HTML 2Page - Diodes Incorporated DMC1029UFDB-13 Datasheet HTML 3Page - Diodes Incorporated DMC1029UFDB-13 Datasheet HTML 4Page - Diodes Incorporated DMC1029UFDB-13 Datasheet HTML 5Page - Diodes Incorporated DMC1029UFDB-13 Datasheet HTML 6Page - Diodes Incorporated DMC1029UFDB-13 Datasheet HTML 7Page - Diodes Incorporated DMC1029UFDB-13 Datasheet HTML 8Page - Diodes Incorporated DMC1029UFDB-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DMC1029UFDB
Document number: DS37710 Rev. 2 - 2
4 of 9
www.diodes.com
February 2015
© Diodes Incorporated
DMC1029UFDB
0
0.01
0.02
0.03
0.04
0.05
1
3
5
7
9
11
13
15
17
19
21
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS=1.5V
V
GS=1.8V
V
GS=2.5V
V
GS=4.5V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
1
2
3
4
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS=1.0V
V
GS=1.2V
V
GS=1.5V
V
GS=8.0V
V
GS=4.5V
V
GS=1.8V
V
GS=2.0V
V
GS=3.0V
V
GS=2.5V
Typical Characteristics - N-CHANNEL
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS= 5.0V
T
A=-55℃
T
A=25℃
T
A=150℃
T
A=125℃
T
A=85℃
0
0.02
0.04
0.06
0.08
0.1
1
2
3
4
5
6
7
8
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D=5.0A
I
D=4.6A
I
D=4.1A
I
D=2.0A
0.005
0.01
0.015
0.02
0.025
0.03
0
2
4
6
8
10
12
14
16
18
20
I
D, DRAIN CURRENT(A)
Figure 5. Typical On-Resistance vs. Drain Current and
Temperature
V
GS= 4.5V
T
A=-55℃
T
A=25℃
T
A=85℃
T
A=125℃
T
A=150℃
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS=2.5V, ID=3.0A
V
GS=4.5V, ID=5.0A


Similar Part No. - DMC1029UFDB-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1029UFDB-13 DIODES-DMC1029UFDB-13 Datasheet
583Kb / 11P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results

Similar Description - DMC1029UFDB-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com