Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC1030UFDB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMC1030UFDB
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC1030UFDB Datasheet(HTML) 1 Page - Diodes Incorporated

  DMC1030UFDB_15 Datasheet HTML 1Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 2Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 3Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 4Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 5Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 6Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 7Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 8Page - Diodes Incorporated DMC1030UFDB_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMC1030UFDB
Document number: DS36933 Rev.1 - 2
1 of 9
www.diodes.com
April 2014
© Diodes Incorporated
DMC1030UFDB
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Product Summary
Device
V(BR)DSS
RDS(ON) max
ID MAX
TA = +25°C
Q1
N-Channel
12V
34mΩ @ VGS = 4.5V
5.1A
40mΩ @ VGS = 2.5V
4.7A
50mΩ @ VGS = 1.8V
4.2A
70mΩ @ VGS = 1.5V
3.6A
Q2
P-Channel
-12V
59mΩ @ VGS = -4.5V
-3.9A
81mΩ @ VGS = -2.5V
-3.3A
115mΩ @ VGS = -1.8V
-2.8A
215mΩ @ VGS = -1.5V
-2.0A
Description
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Load Switch
Power Management Functions
Portable Power Adaptors
Features
Low On-Resistance
Low Input Capacitance
Low Profile, 0.6mm Max Height
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-DFN2020-6 Type B
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish NiPdAu over Copper leadframe. Solderable per
MIL-STD-202, Method 208
Terminals Connections: See Diagram Below
Weight: 0.0065 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMC1030UFDB -7
U-DFN2020-6 Type B
3000/Tape & Reel
DMC1030UFDB -13
U-DFN2020-6 Type B
10000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2012
2013
2014
2015
2016
2017
2018
Code
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Bottom View
Internal Schematic
D3 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: A = 2013)
M = Month (ex: 9 = September)
S1
G1
D2
S2
G2
D1
D2
Pin1
N-CHANNEL MOSFET
P-CHANNEL MOSFET
U-DFN2020-6
Type B
D1
ESD PROTECTED
D3
Y
M
D1
S1
G1
Gate Protection
Diode
D2
S2
G2
Gate Protection
Diode
e4


Similar Part No. - DMC1030UFDB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1030UFDB-13 DIODES-DMC1030UFDB-13 Datasheet
692Kb / 11P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results

Similar Description - DMC1030UFDB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com