Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2133RT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MUN2133RT1
Description  Bias Resistor Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MUN2133RT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MUN2133RT1 Datasheet HTML 1Page - Leshan Radio Company MUN2133RT1 Datasheet HTML 2Page - Leshan Radio Company MUN2133RT1 Datasheet HTML 3Page - Leshan Radio Company MUN2133RT1 Datasheet HTML 4Page - Leshan Radio Company MUN2133RT1 Datasheet HTML 5Page - Leshan Radio Company MUN2133RT1 Datasheet HTML 6Page - Leshan Radio Company MUN2133RT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
P1–2/7
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB=50V, I E = 0)
ICBO
-
-
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
I CEO
-
-
500
nAdc
Emitter-Base Cutoff Current
MUN2111RT1
I EBO
-
-
0.5
mAdc
(VEB = 6.0 V, IC = 0)
MUN2112RT1
-
-
0.2
MUN2113RT1
-
-
0.1
MUN2114RT1
-
-
0.2
MUN2115RT1
-
-
0.9
MUN2116RT1
-
-
1.9
MUN2130RT1
-
-
4.3
MUN2131RT1
-
-
2.3
MUN2132RT1
-
-
1.5
MUN2133RT1
-
-
0.18
MUN2134RT1
-
-
0.13
Collector-Base Breakdown Voltage (IC = 10
µA, I
E = 0)
V(BR)CBO
50
-
-
Vdc
Collector-Emitter Breakdown Voltage(3)(IC=2.0mA, IB=0)
V(BR)CEO
50
-
-
Vdc
ON CHARACTERISTICS (3)
DC Current Gain
MUN2111RT1
hFE
35
60
-
(VCE = 10 V, IC = 5.0 mA)
MUN2112RT1
60
100
-
MUN2113RT1
80
140
-
MUN2114RT1
80
140
-
MUN2115RT1
160
250
-
MUN2116RT1
160
250
-
MUN2130RT1
3.0
5.0
-
MUN2131RT1
8.0
15
-
MUN2132RT1
15
27
-
MUN2133RT1
80
140
-
MUN2134RT1
80
130
-
Collector-Emitter Saturation Voltage (IC=10mA, IE=0.3mA)
VCE(sat)
Vdc
(IC = 10 mA, IB = 0.3 mA)
MUN2111RT1 MUN2112RT1
-
-
0.25
MUN2113RT1 MUN2114RT1 MUN2115RT1 MUN2130RT1
(IC = 10 mA, IB = 5.0 mA)
MUN2131RT1
-
-
0.25
(IC = 10 mA, IB = 1.0 mA)
MUN2116RT1 MUN2132RT1
-
-
0.25
MUN2134RT1
Output Voltage (on)
VOL
Vdc
(VCC=5.0V,VB=2.5V, RL=1.0k
Ω)
MUN2111RT1
MUN2112RT1 MUN2114RT1 MUN2115RT1 MUN2116RT1
-
-
0.2
MUN2130RT1 MUN2131RT1 MUN2132RT1 MUN2133RT1
MUN2134RT1
(VCC =5.0V,VB=3.5V, RL= 1.0k
Ω)
MUN2113RT1
-
-
0.2
3. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
MUN2111RT1 SERIES


Similar Part No. - MUN2133RT1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MUN2133RT1 ETL-MUN2133RT1 Datasheet
282Kb / 7P
   Bias Resistor Transistor
More results

Similar Description - MUN2133RT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com