Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4001-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4001-1
Description  2A Synchronous Buck Li-Ion Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC4001-1_15 Datasheet HTML 1Page - Linear Technology LTC4001-1_15 Datasheet HTML 2Page - Linear Technology LTC4001-1_15 Datasheet HTML 3Page - Linear Technology LTC4001-1_15 Datasheet HTML 4Page - Linear Technology LTC4001-1_15 Datasheet HTML 5Page - Linear Technology LTC4001-1_15 Datasheet HTML 6Page - Linear Technology LTC4001-1_15 Datasheet HTML 7Page - Linear Technology LTC4001-1_15 Datasheet HTML 8Page - Linear Technology LTC4001-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4001-1
5
40011fa
TYPICAL PERFORMANCE CHARACTERISTICS
Soft-Start (PWM Mode)
IDET Threshold vs RIDET for
RPROG = 549Ω
CHRG Pin Temperature Fault
Behavior (Detail)
PIN FUNCTIONS
BAT (Pin 1): Battery Charger Output Terminal. Connect a
10μF ceramic chip capacitor between BAT and PGND to
keep the ripple voltage small.
SENSE (Pin 2): Internal Sense Resistor. Connect to ex-
ternal inductor.
PGND (Pin 3): Power Ground.
GNDSENS (Pin 4): Ground Sense. Connect this pin to the
negative battery terminal. GNDSENS provides a Kelvin
connection for PGND and must be connected to PGND
schematically.
SW (Pin 5): Switch Node Connection. This pin connects
to the drains of the internal main and synchronous power
MOSFET switches. Connect to external inductor.
EN (Pin 6): Enable Input Pin. Pulling the EN pin high
places the LTC4001-1 into a low power state where the
BAT drain current drops to less than 3μA and the supply
current is reduced to less than 50μA. For normal opera-
tion, pull the pin low.
CHRG(Pin7):Open-DrainChargeStatusOutput.Whenthe
battery is being charged, CHRG is pulled low by an internal
N-channel MOSFET. When the charge current drops below
the IDET threshold (set by the RIDET programming resistor)
for more than 5milliseconds, the N-channel MOSFET turns
off and a 30μA current source is connected from CHRG to
ground. (This signal is latched and is reset by initiating a
new charge cycle.) When the timer runs out or the input
supply is removed, the current source will be disconnected
and the CHRG pin is forced to a high impedance state. A
temperature fault causes this pin to blink.
PVIN (Pin 8): Positive Supply Voltage Input. This pin con-
nects to the power devices inside the chip. VIN ranges
from 4V to 5.5V for normal operation. Operation down to
the undervoltage lockout threshold is allowed with cur-
rent limited wall adapters. Decouple with a 10μF or larger
surface mounted ceramic capacitor.
VINSENSE (Pin 9): Positive Supply Sense Input. This pin
connects to the inputs of all input comparators (UVL, VIN
to VBAT). It also supplies power to the controller portion
of this chip. When the BATSENS pin rises to within 30mV
of VINSENSE, the LTC4001-1 enters sleep mode, dropping
IIN to 50μA. Tie this pin directly to the terminal of the PVIN
decoupling capacitor.
FAULT (Pin 10): Battery Fault. This pin is a logic high if
a shorted battery is detected or if a temperature fault is
detected. A temperature fault occurs with the temperature
monitor circuit enabled and the thermistor temperature is
either below 0°C or above 50°C (typical).
0
INPUT
CURRENT (IIN)
0.5A/DIV
INDUCTOR
CURRENT (IL)
0.5A/DIV
SOFT-START
VOLTAGE (VSS)
1V/DIV
EN PIN (VEN)
5V/DIV
0
0
0
2ms/DIV
VBAT = 3.5V
VIN = 5V
40011 G09
RIDET (Ω)
300
200
250
300
1100
40011 G10
150
100
0
500
700
900
400
1200
600
800
1000
50
400
350
CHRG
1V/DIV
TIME (20μs/DIV)
40011 G11


Similar Part No. - LTC4001-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results

Similar Description - LTC4001-1_15

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
   2A Synchronous Buck Li-ion Charger
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
   2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
   4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
   2.5A Synchronous Buck 4 Cells Li-ion charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com