Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4001-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4001-1
Description  2A Synchronous Buck Li-Ion Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4001-1_15 Datasheet HTML 5Page - Linear Technology LTC4001-1_15 Datasheet HTML 6Page - Linear Technology LTC4001-1_15 Datasheet HTML 7Page - Linear Technology LTC4001-1_15 Datasheet HTML 8Page - Linear Technology LTC4001-1_15 Datasheet HTML 9Page - Linear Technology LTC4001-1_15 Datasheet HTML 10Page - Linear Technology LTC4001-1_15 Datasheet HTML 11Page - Linear Technology LTC4001-1_15 Datasheet HTML 12Page - Linear Technology LTC4001-1_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC4001-1
9
40011fa
OPERATION
Overvoltage, Chip Overtemperature and Short-Circuit
Current Protection
The LTC4001-1 includes overvoltage, chip overtemperature
and several varieties of short-circuit protection.
A comparator turns off both chargers (high rate and
trickle) if battery voltage exceeds the float voltage by ap-
proximately 5%. This may occur in situations where the
battery is accidentally disconnected while battery charging
is underway.
A comparator continuously monitors on-chip temperature
and will shut off the battery charger when chip temperature
exceeds approximately 160°C. Battery charging will be
enabled again when temperature drops to approximately
150°C.
Short-circuit protection is provided in several different
ways. First, a hard short on the battery terminals will
cause the charge to enter trickle charge mode, limiting
charge current to the trickle charge current (typically
50mA). Second, PWM charging is prevented if the high
rate charge current is programmed far above the 2A
maximum recommended charge current (via the PROG
pin). Third, an overcurrent comparator monitors the peak
inductor current.


Similar Part No. - LTC4001-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results

Similar Description - LTC4001-1_15

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
   2A Synchronous Buck Li-ion Charger
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
   2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
   4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
   2.5A Synchronous Buck 4 Cells Li-ion charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com