Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3808 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3808
Description  No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3808 Datasheet(HTML) 2 Page - Linear Technology

  LTC3808_15 Datasheet HTML 1Page - Linear Technology LTC3808_15 Datasheet HTML 2Page - Linear Technology LTC3808_15 Datasheet HTML 3Page - Linear Technology LTC3808_15 Datasheet HTML 4Page - Linear Technology LTC3808_15 Datasheet HTML 5Page - Linear Technology LTC3808_15 Datasheet HTML 6Page - Linear Technology LTC3808_15 Datasheet HTML 7Page - Linear Technology LTC3808_15 Datasheet HTML 8Page - Linear Technology LTC3808_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC3808
3808f
ORDER PART
NUMBER
Input Supply Voltage (VIN)........................ – 0.3V to 10V
PLLLPF, RUN, SYNC/MODE, TRACK/SS,
SENSE+, IPRG Voltages ............ – 0.3V to (VIN + 0.3V)
VFB, ITH Voltages...................................... –0.3V to 2.4V
SW, SENSEVoltages ......... – 2V to VIN + 1V (10V Max)
PGOOD ..................................................... – 0.3V to 10V
LTC3808EDE
TJMAX = 125°C, θJA = 130°C/W
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
TG, BG Peak Output Current (<10µs)........................ 1A
Operating Temperature Range (Note 2) ... – 40°C to 85°C
Storage Ambient Temperature Range ... – 65°C to 125°C
Junction Temperature (Note 3) ............................ 125°C
Lead Temperature (Soldering, 10 sec)
GN16 Package .................................................. 300°C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SW
SENSE
V
IN
SENSE+
TG
BG
IPRG
PLLLPF
SYNC/MODE
TRACK/SS
PGOOD
VFB
ITH
RUN
TOP VIEW
15
DE PACKAGE
14-LEAD (4mm × 3mm) PLASTIC DFN
ORDER PART
NUMBER
LTC3808EGN
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
PLLLPF
SYNC/MODE
TRACK/SS
PGOOD
VFB
ITH
RUN
SW
SENSE
VIN
SENSE+
TG
BG
IPRG
GND
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 15) IS GND
(MUST BE SOLDERED TO PCB)
DE PART
MARKING
3808
The
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 4.2V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
Input DC Supply Current
(Note 4)
Normal Operation
350
500
µA
Sleep Mode
105
150
µA
Shutdown
RUN = 0V
9
20
µA
UVLO
VIN = UVLO Threshold – 200mV
9
20
µA
Undervoltage Lockout Threshold
VIN Falling
1.95
2.25
2.55
V
VIN Rising
2.15
2.45
2.75
V
Shutdown Threshold of RUN Pin
0.8
1.1
1.4
V
Start-Up Current Source
TRACK/SS = 0V
0.65
1
1.35
µA
Regulated Feedback Voltage
(Note 5)
0.591
0.6
0.609
V
Output Voltage Line Regulation
2.75V < VIN < 9.8V (Note 5)
0.01
0.04
%/V
Output Voltage Load Regulation
ITH = 0.9V (Note 5)
0.1
0.5
%
ITH = 1.7V
–0.1
–0.5
%
VFB Input Current
(Note 5)
9
50
nA
Overvoltage Protect Threshold
Measured at VFB
0.66
0.68
0.7
V


Similar Part No. - LTC3808_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3808EDE LINER-LTC3808EDE Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808EGN LINER-LTC3808EGN Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3808_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3823 LINER-LTC3823 Datasheet
308Kb / 26P
   Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
LTC3823 LINER-LTC3823_15 Datasheet
312Kb / 26P
   Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com