Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5255BLT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MMBZ5255BLT1
Description  SEMICONDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBZ5255BLT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MMBZ5255BLT1 Datasheet HTML 1Page - Leshan Radio Company MMBZ5255BLT1 Datasheet HTML 2Page - Leshan Radio Company MMBZ5255BLT1 Datasheet HTML 3Page - Leshan Radio Company MMBZ5255BLT1 Datasheet HTML 4Page - Leshan Radio Company MMBZ5255BLT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
J1–2/5
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-NC, 3-Cathode) (V F = 0.9 V Max @ I F = 10 mA for all types.)
MMBZ5221BLT1
18A
20
2.4
1200
30
100
1
MMBZ5222BLT1
18B
20
2.5
1250
30
100
1
MMBZ5223BLT1
18C
20
2.7
1300
30
75
1
MMBZ5224BLT1
18D
20
2.8
1400
30
75
1
MMBZ5225BLT1
18E
20
3
1600
29
50
1
MMBZ5226BLT1
8A
20
3.3
1600
28
25
1
MMBZ5227BLT1
8B
20
3.6
1700
24
15
1
MMBZ5228BLT1
8C
20
3.9
1900
23
10
1
MMBZ5229BLT1
8D
20
4.3
2000
22
5
1
MMBZ5230BLT1
8E
20
4.7
1900
19
5
2
MMBZ5231BLT1
8F
20
5.1
1600
17
5
2
MMBZ5232BLT1
8G
20
5.6
1600
11
5
3
MMBZ5233BLT1
8H
20
6
1600
7
5
3.5
MMBZ5234BLT1
8J
20
6.2
1000
7
5
4
MMBZ5235BLT1
8K
20
6.8
750
5
3
5
MMBZ5236BLT1
8L
20
7.5
500
6
3
6
MMBZ5237BLT1
8M
20
8.2
500
8
3
6.5
MMBZ5238BLT1
8N
20
8.7
600
8
3
6.5
MMBZ5239BLT1
8P
20
9.1
600
10
3
7
MMBZ5240BLT1
8Q
20
10
600
17
3
8
MMBZ5241BLT1
8R
20
11
600
22
2
8.4
MMBZ5242BLT1
8S
20
12
600
30
1
9.1
MMBZ5243BLT1
8T
9.5
13
600
13
0.5
9.9
MMBZ5244BLT1
8U
9
14
600
15
0.1
10
MMBZ5245BLT1
8V
8.5
15
600
16
0.1
11
MMBZ5246BLT1
8W
7.8
16
600
17
0.1
12
MMBZ5247BLT1
8X
7.4
17
600
19
0.1
13
MMBZ5248BLT1
8Y
7
18
600
21
0.1
14
MMBZ5249BLT1
8Z
6.6
19
600
23
0.1
14
MMBZ5250BLT1
81A
6.2
20
600
25
0.1
15
MMBZ5251BLT1
81B
5.6
22
600
29
0.1
17
MMBZ5252BLT1
81C
5.2
24
600
33
0.1
18
MMBZ5253BLT1
81D
5
25
600
35
0.1
19
MMBZ5254BLT1
81E
4.6
27
600
41
0.1
21
MMBZ5255BLT1
81F
4.5
28
600
44
0.1
21
MMBZ5256BLT1
81G
4.2
30
600
49
0.1
23
MMBZ5257BLT1
81H
3.8
33
700
58
0.1
25
MMBZ5258BLT1
81J
3.4
36
700
70
0.1
27
MMBZ5259BLT1
81K
3.2
39
800
80
0.1
30
MMBZ5260BLT1
18F
3
43
900
93
0.1
33
MMBZ5261BLT1
81M
2.7
47
1000
105
0.1
36
MMBZ5262BLT1
81N
2.5
51
1100
125
0.1
39
MMBZ5263BLT1
81P
2.2
56
1300
150
0.1
43
MMBZ5264BLT1
81Q
2.1
60
1400
170
0.1
46
MMBZ5265BLT1
81R
2
62
1400
185
0.1
47
MMBZ5266BLT1
81S
1.8
68
1600
230
0.1
52
MMBZ5267BLT1
81T
1.7
75
1700
270
0.1
56
MMBZ5268BLT1
81U
1.5
82
2000
330
0.1
62
MMBZ5269BLT1
81V
1.4
87
2200
370
0.1
68
MMBZ5270BLT1
81W
1.4
91
2300
400
0.1
69
Device
Marking
Test
Current
I
ZT
mA
Zener
Voltage
VZ(+5%)
Nominal
(Note1)
Z
Zk
I
Z=0.25mA
ΩMax
Z
Zk
I
Z=IZT@10%Mod
ΩMax
Max
I
R
@V
R
µµµµµAV
NOTE 1. Zener voltage is measured with a pulse test current (I
ZT ) applied at an ambient temperature of 25 °C
GENERAL DATA - 225 mW SOT-23


Similar Part No. - MMBZ5255BLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5255BLT1 ONSEMI-MMBZ5255BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
MMBZ5255BLT1G ONSEMI-MMBZ5255BLT1G Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
MMBZ5255BLT1G ONSEMI-MMBZ5255BLT1G Datasheet
172Kb / 6P
   Zener Voltage Regulators
February, 2012 ??Rev. 11
MMBZ5255BLT1G ONSEMI-MMBZ5255BLT1G Datasheet
118Kb / 6P
   Zener Voltage Regulators
October, 2016 ??Rev. 13
More results

Similar Description - MMBZ5255BLT1

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com