Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5312DW1T1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # MUN5312DW1T1
Description  Dual Bias Resistor Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MUN5312DW1T1 Datasheet(HTML) 2 Page - Leshan Radio Company

  MUN5312DW1T1 Datasheet HTML 1Page - Leshan Radio Company MUN5312DW1T1 Datasheet HTML 2Page - Leshan Radio Company MUN5312DW1T1 Datasheet HTML 3Page - Leshan Radio Company MUN5312DW1T1 Datasheet HTML 4Page - Leshan Radio Company MUN5312DW1T1 Datasheet HTML 5Page - Leshan Radio Company MUN5312DW1T1 Datasheet HTML 6Page - Leshan Radio Company MUN5312DW1T1 Datasheet HTML 7Page - Leshan Radio Company MUN5312DW1T1 Datasheet HTML 8Page - Leshan Radio Company MUN5312DW1T1 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LESHAN RADIO COMPANY, LTD.
MUN5311dw–2/13
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R 1(K)
R 2(K)
Shipping
MUN5311DW1T1
SOT–363
11
10
10
3000/Tape & Reel
MUN5312DW1T1
SOT–363
12
22
22
3000/Tape & Reel
MUN5313DW1T1
SOT–363
13
47
47
3000/Tape & Reel
MUN5314DW1T1
SOT–363
14
10
47
3000/Tape & Reel
MUN5315DW1T1 (Note 3.)
SOT–363
15
10
3000/Tape & Reel
MUN5316DW1T1 (Note 3.)
SOT–363
16
4.7
3000/Tape & Reel
MUN5330DW1T1 (Note 3.)
SOT–363
30
1.0
1.0
3000/Tape & Reel
MUN5331DW1T1 (Note 3.)
SOT–363
31
2.2
2.2
3000/Tape & Reel
MUN5332DW1T1 (Note 3.)
SOT–363
32
4.7
4.7
3000/Tape & Reel
MUN5333DW1T1 (Note 3.)
SOT–363
33
4.7
47
3000/Tape & Reel
MUN5334DW1T1 (Note 3.)
SOT–363
34
22
47
3000/Tape & Reel
MUN5335DW1T1 (Note 3.)
SOT–363
35
2.2
47
3000/Tape & Reel
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 , – minus sign for Q 1 (PNP) omitted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(V CB = 50 V, I E = 0)
I CBO
100
nAdc
Collector-Emitter Cutoff Current (V CE = 50 V, I B = 0)
I CEO
500
nAdc
Emitter-Base Cutoff Current
MUN5311DW1T1
(V EB = 6.0 V, I C = 0)
MUN5312DW1T1
MUN5313DW1T1
MUN5314DW1T1
MUN5315DW1T1
MUN5316DW1T1
MUN5330DW1T1
MUN5331DW1T1
MUN5332DW1T1
MUN5333DW1T1
MUN5334DW1T1
MUN5335DW1T1
MUN5311DW1T1
Series
I EBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
mAdc
Collector-Base Breakdown Voltage (I C =10
µA, I
E = 0)
V (BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage(Note 4.)(IC =2.0 mA,I B=0) V (BR)CEO
50
Vdc
3. New resistor combinations. Updated curves to follow in subsequent data sheets.
4. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - MUN5312DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5312DW1T1 MOTOROLA-MUN5312DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5312DW1T1 ONSEMI-MUN5312DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
E-Tech Electronics LTD
MUN5312DW1T1 ETL-MUN5312DW1T1 Datasheet
661Kb / 13P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5312DW1T1 ONSEMI-MUN5312DW1T1 Datasheet
373Kb / 35P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 11
MUN5312DW1T1G ONSEMI-MUN5312DW1T1G Datasheet
373Kb / 35P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 11
More results

Similar Description - MUN5312DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com