Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5114DW1T1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MUN5114DW1T1
Description  Dual Bias Resistor Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MUN5114DW1T1 Datasheet(HTML) 3 Page - Leshan Radio Company

  MUN5114DW1T1 Datasheet HTML 1Page - Leshan Radio Company MUN5114DW1T1 Datasheet HTML 2Page - Leshan Radio Company MUN5114DW1T1 Datasheet HTML 3Page - Leshan Radio Company MUN5114DW1T1 Datasheet HTML 4Page - Leshan Radio Company MUN5114DW1T1 Datasheet HTML 5Page - Leshan Radio Company MUN5114DW1T1 Datasheet HTML 6Page - Leshan Radio Company MUN5114DW1T1 Datasheet HTML 7Page - Leshan Radio Company MUN5114DW1T1 Datasheet HTML 8Page - Leshan Radio Company MUN5114DW1T1 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
MUN5111dw–3/11
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ,)
(Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(Note 5.)
DC Current Gain
MUN5111DW1T1
(V CE = –10 V, I C = –5.0 mA)
MUN5112DW1T1
MUN5113DW1T1
MUN5114DW1T1
MUN5115DW1T1
MUN5116DW1T1
MUN5130DW1T1
MUN5131DW1T1
MUN5132DW1T1
MUN5133DW1T1
MUN5134DW1T1
MUN5135DW1T1
MUN5135DW1T1
MUN5135DW1T1
MUN5111DW1T1
Series
h FE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
250
250
5.0
15
27
140
130
140
130
140
Output Voltage (on)
(V
CC = –5.0 V, V B = –2.5 V, R L = 1.0 kΩ)
MUN5111DW1T1
MUN5112DW1T1
MUN5114DW1T1
MUN5115DW1T1
MUN5116DW1T1
MUN5130DW1T1
MUN5131DW1T1
MUN5132DW1T1
MUN5133DW1T1
MUN5134DW1T1
MUN5135DW1T1
MUN5113DW1T1
MUN5136DW1T1
MUN5137DW1T1
V
OL
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
–0.2
Vdc
(V
CC = –5.0 V, V B = –3.5 V, R L = 1.0 kΩ)
(V
CC = –5.0 V, V B = –5.5 V, R L = 1.0 kΩ)
(V
CC = –5.0 V, V B = –4.0 V, R L = 1.0 kΩ)
Output Voltage (off) (V CC = –5.0 V, V B = –0.5 V, R L = 1.0 k
Ω)
(V CC = –5.0 V, V B = –0.05 V, R L = 1.0 k
Ω) MUN5130DW1T1
(V CC = –5.0 V, V B = –0.25 V, R L = 1.0 k
Ω) MUN5115DW1T1
MUN5116DW1T1
MUN5131DW1T1
MUN5133DW1T1
V OH
–4.9
Vdc


Similar Part No. - MUN5114DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5114DW1T1 MOTOROLA-MUN5114DW1T1 Datasheet
216Kb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5114DW1T1 ONSEMI-MUN5114DW1T1 Datasheet
172Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
MUN5114DW1T1 ONSEMI-MUN5114DW1T1 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5114DW1T1G ONSEMI-MUN5114DW1T1G Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5114DW1T1G ONSEMI-MUN5114DW1T1G Datasheet
232Kb / 20P
   Dual Bias Resistor Transistors
October, 2009 ??Rev. 8
More results

Similar Description - MUN5114DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com