Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3773 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3773
Description  Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3773 Datasheet(HTML) 1 Page - Linear Technology

  LTC3773_15 Datasheet HTML 1Page - Linear Technology LTC3773_15 Datasheet HTML 2Page - Linear Technology LTC3773_15 Datasheet HTML 3Page - Linear Technology LTC3773_15 Datasheet HTML 4Page - Linear Technology LTC3773_15 Datasheet HTML 5Page - Linear Technology LTC3773_15 Datasheet HTML 6Page - Linear Technology LTC3773_15 Datasheet HTML 7Page - Linear Technology LTC3773_15 Datasheet HTML 8Page - Linear Technology LTC3773_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC3773
1
3773fb
FEATURES
DESCRIPTION
Triple Output Synchronous
3-Phase DC/DC Controller with
Up/Down Tracking
The LTC®3773 is a high performance, 3-phase, triple output
synchronous step-down switching regulator controller
with output voltage power up/down tracking capability.
The controller allows for sequential, coincident or ratio-
metric tracking.
This 3-phase controller drives its output stages with 120°
phase separation at frequencies of up to 700kHz per phase
minimizing the RMS input current. Light load efficiency can
be maximized by using selectable Burst Mode operation.
The 0.6V precision reference supports output voltages
from 0.6V to 5V.
Fault protection features include output overvoltage, input
undervoltage lockout plus current foldback under short-
circuit or overload conditions.
Servers, Telecom, Industrial Power Supplies
General Purpose Multiple Rail DC/DC
FPGA and DSP Requirements
Current Mode Controller with Onboard
MOSFET Drivers
Programmable Power Up/Down Tracking
Wide VIN Range: 3.3V to 36V (VCC = 5V)
±1% 0.6V VFB Accuracy Over Temperature
Power Good Output Voltage Monitor
Phase-Lockable or Adjustable Frequency:
160kHz to 700kHz
OPTI-LOOP® Compensation Minimizes COUT
Current Foldback and Overvoltage Protection
Selectable Continuous, Discontinuous or
Burst Mode® Operation at Light Load
Programmable Phase Operation
Available in 5mm x 7mm QFN and 36-Lead
SSOP Packages
High Efficiency, 3-Phase, Triple Synchronous DC/DC Step-Down Controller
, LT, LTC, LTM, Burst Mode and OPTI-LOOP are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective
owners. Protected by U.S. Patents including 5408150, 5481178, 5705919, 5929620,
6144194, 6177787, 6304066, 6498466, 6580258, 6611131.
+
0.003
Ω
20k
10k
VOUT2
1.8V/15A
VIN
4.5V TO 22V
VCC
4.5V TO 6V
CIN
1.5
μH
0.1
μF
TG2
10k
PGOOD
POWER UP/SHUTDOWN
SW2
BG2
TRACK1, 2, 3
TG1
SW1
BG1
SENSE1+
SENSE1–
VFB1
ITH1, 2, 3
SDB1, 2, 3
SW1, 2, 3
BOOST1, 2, 3
SENSE2+
LTC3773
PLLFLTR
SGND
SENSE2–
VFB2
VDR
PGOOD VCC
TG3
SW3
BG3
PGND
SENSE3+
SENSE3–
VFB3
COUT2
VIN
0.003
Ω
20k
20k
VOUT3
1.2V/15A
COUT3
10
μF
1.2
μH
VIN
0.003
Ω
31.6k
10k
VOUT1
2.5V/15A
COUT1
2.2
μH
0.01
μF
3773 F01
TYPICAL APPLICATION
APPLICATIONS


Similar Part No. - LTC3773_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3773EG-PBF LINER-LTC3773EG-PBF Datasheet
466Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3773EG-TRPBF LINER-LTC3773EG-TRPBF Datasheet
466Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3773EUHF-PBF LINER-LTC3773EUHF-PBF Datasheet
466Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3773EUHF-TRPBF LINER-LTC3773EUHF-TRPBF Datasheet
466Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
More results

Similar Description - LTC3773_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3773 LINER-LTC3773 Datasheet
466Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com