Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3720 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3720
Description  Single Phase VRM8.5 Current Mode Step-Down Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3720 Datasheet(HTML) 5 Page - Linear Technology

  LTC3720_15 Datasheet HTML 1Page - Linear Technology LTC3720_15 Datasheet HTML 2Page - Linear Technology LTC3720_15 Datasheet HTML 3Page - Linear Technology LTC3720_15 Datasheet HTML 4Page - Linear Technology LTC3720_15 Datasheet HTML 5Page - Linear Technology LTC3720_15 Datasheet HTML 6Page - Linear Technology LTC3720_15 Datasheet HTML 7Page - Linear Technology LTC3720_15 Datasheet HTML 8Page - Linear Technology LTC3720_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC3720
3720f
TYPICAL PERFOR A CE CHARACTERISTICS
Error Amplifier gm vs Temperature
EXTVCC Switch Resistance
vs Temperature
RUN/SS Latchoff Thresholds
vs Temperature
TEMPERATURE (
°C)
–50
–25
1.0
1.4
2.0
0
50
75
3720 G10
1.2
1.8
1.6
25
100
125
INPUT VOLTAGE (V)
0
800
1000
1200
15
25
3720 G11
600
400
510
20
30
35
200
0
30
40
60
50
20
10
0
EXTVCC OPEN
EXTVCC = 5V
SHUTDOWN
INTVCC LOAD CURRENT (mA)
0
–0.2
–0.1
0
40
3720 G12
–0.3
–0.4
–0.5
10
20
30
50
Input and Shutdown Currents
vs Input Voltage
INTVCC Load Regulation
TEMPERATURE (
°C)
–50
–25
0
4
10
0
50
75
3720 G13
2
8
6
25
100
125
TEMPERATURE (
°C)
–50
–0.50
–0.25
0
25
75
3720 G14
–0.75
–1.00
–25
0
50
100
125
–1.25
–1.50
TEMPERATURE (
°C)
–50
–25
–2
0
3
0
50
75
3720 G15
–1
2
1
25
100
125
PULL-UP CURRENT
PULL-DOWN CURRENT
FCB Pin Current vs Temperature
RUN/SS Pin Current
vs Temperature
TEMPERATURE (
°C)
–50
3.0
3.5
4.0
4.5
5.0
–25
0
25
50
3720 G16
75
100
125
LATCHOFF ENABLE
LATCHOFF THRESHOLD
TEMPERATURE (C)
–50
2.0
2.5
3.0
3.5
4.0
–25
0
25
50
3720 G17
75
100
125
Undervoltage Lockout Threshold
vs Temperature


Similar Part No. - LTC3720_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3720EGN LINER-LTC3720EGN Datasheet
301Kb / 24P
   Single Phase VRM8.5 Current Mode Step-Down Controller
More results

Similar Description - LTC3720_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3720 LINER-LTC3720 Datasheet
301Kb / 24P
   Single Phase VRM8.5 Current Mode Step-Down Controller
logo
Micrel Semiconductor
MIC2111 MICREL-MIC2111 Datasheet
95Kb / 2P
   Single-Phase, Multi-Mode, High-Performance, Step-Down PWM Controller
logo
Linear Technology
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
logo
Monolithic Power System...
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV9928-L-00C MPS-EV9928-L-00C Datasheet
758Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com