Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78P4038YGC Datasheet(PDF) 2 Page - NEC

Part # UPD78P4038YGC
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P4038YGC Datasheet(HTML) 2 Page - NEC

  UPD78P4038YGC Datasheet HTML 1Page - NEC UPD78P4038YGC Datasheet HTML 2Page - NEC UPD78P4038YGC Datasheet HTML 3Page - NEC UPD78P4038YGC Datasheet HTML 4Page - NEC UPD78P4038YGC Datasheet HTML 5Page - NEC UPD78P4038YGC Datasheet HTML 6Page - NEC UPD78P4038YGC Datasheet HTML 7Page - NEC UPD78P4038YGC Datasheet HTML 8Page - NEC UPD78P4038YGC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
µPD78P4038Y
2
QUALITY GRADE
Part number
Package
Quality grade
µPD78P4038YGC-3B9
80-pin plastic QFP (14
× 14 × 2.7 mm)
Standard (for general electronic equipment)
µPD78P4038YGC-8BT
80-pin plastic QFP (14
× 14 × 1.4 mm)
Standard (for general electronic equipment)
µPD78P4038YGC-×××-3B9 80-pin plastic QFP (14 × 14 × 1.4 mm)
Standard (for general electronic equipment)
µPD78P4038YGK-BE9
80-pin plastic TQFP (fine pitch) (12
× 12 mm)
Standard (for general electronic equipment)
µPD78P4038YGK-×××-BE9 80-pin plastic TQFP (fine pitch) (12 × 12 mm) Standard (for general electronic equipment)
µPD78P4038YKK-T
80-pin ceramic WQFN (14
× 14 mm)
Not applied (for function evaluation)
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document No. C11531E) published by NEC Corporation
to know the specification of quality grade on the devices and its recommended applications.
Caution The EPROM versions of the
µPD78P4038Y are not intended for use in mass-produced products;
they do not have reliability high enough for such purposes. Their use should be restricted to
functional evaluation in experiment or trial manufacture.
Remark
××× is ROM code suffix.


Similar Part No. - UPD78P4038YGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038GC NEC-UPD78P4038GC Datasheet
324Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038GC-3B9 NEC-UPD78P4038GC-3B9 Datasheet
324Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038GC-8BT NEC-UPD78P4038GC-8BT Datasheet
324Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038GK NEC-UPD78P4038GK Datasheet
324Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD78P4038YGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78361A NEC-UPD78361A Datasheet
782Kb / 88P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78320 NEC-UPD78320 Datasheet
479Kb / 88P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784035 NEC-UPD784035 Datasheet
401Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
   V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com