Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC25D1UVT-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMC25D1UVT-7
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC25D1UVT-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC25D1UVT-7 Datasheet HTML 1Page - Diodes Incorporated DMC25D1UVT-7 Datasheet HTML 2Page - Diodes Incorporated DMC25D1UVT-7 Datasheet HTML 3Page - Diodes Incorporated DMC25D1UVT-7 Datasheet HTML 4Page - Diodes Incorporated DMC25D1UVT-7 Datasheet HTML 5Page - Diodes Incorporated DMC25D1UVT-7 Datasheet HTML 6Page - Diodes Incorporated DMC25D1UVT-7 Datasheet HTML 7Page - Diodes Incorporated DMC25D1UVT-7 Datasheet HTML 8Page - Diodes Incorporated DMC25D1UVT-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMC25D1UVT
Document number: DS37507 Rev. 2 - 2
3 of 9
www.diodes.com
April 2015
© Diodes Incorporated
DMC25D1UVT
Electrical Characteristics
– Q2 (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 10)
Drain-Source Breakdown Voltage
BVDSS
-12
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS = -6.4V, VGS = 0V
Gate-Source Leakage
IGSS
±10
µA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 10)
Gate Threshold Voltage
VGS(TH)
-0.35
-1.5
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
55
m
Ω
VGS = -4.5V, ID = -2.8A
70
VGS = -2.5V, ID = -2.5A
100
VGS = -1.8V, ID = -2.0A
Diode Forward Voltage
VSD
-1.2
V
VGS = 0V, IS = -0.6A
DYNAMIC CHARACTERISTICS (Note 11)
Input Capacitance
Ciss
9.7
pF
VDS = -6V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
393
Reverse Transfer Capacitance
Crss
1.9
Gate Resistance
Rg
1846
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
24.5
nC
VDS = -6V, ID = -2.8A
Gate-Source Charge
Qgs
3.3
Gate-Drain Charge
Qgd
7.3
Turn-On Delay Time
tD(ON)
1.2
µs
VGS = -4.5V, VDS = -6V,
RG = 6Ω, ID = -2.8A
Turn-On Rise Time
tR
2.7
Turn-Off Delay Time
tD(OFF)
9.8
Turn-Off Fall Time
tF
6.5
Notes:
10. Short duration pulse test used to minimize self-heating effect.
11. Guaranteed by design. Not subject to production testing.
Typical Characteristics - N-CHANNEL
0.0
0.3
0.6
0.9
1.2
1.5
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS=1.2V
V
GS=1.5V
V
GS=2.0V
V
GS=2.5V
V
GS=4.5V
V
GS=4.0V
V
GS=3.0V
V
GS=3.5V
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2.5
3
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS= 5V
-55
25
85
125
150


Similar Part No. - DMC25D1UVT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC25D1UVT-7 DIODES-DMC25D1UVT-7 Datasheet
649Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
April 2015
More results

Similar Description - DMC25D1UVT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com