Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMZ5379B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMZ5379B
Description  SURFACE MOUNT SILICON HIGH POWER ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5379B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMZ5379B Datasheet HTML 1Page - Central Semiconductor Corp CMZ5379B Datasheet HTML 2Page - Central Semiconductor Corp CMZ5379B Datasheet HTML 3Page - Central Semiconductor Corp CMZ5379B Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CMZ5334B THRU CMZ5388B
SURFACE MOUNT SILICON
HIGH POWER ZENER DIODES
5.0 WATT, 3.6 THRU 200 VOLT
±5% TOLERANCE
MIN
MAX
MIN
MAX
A
0.030
0.060
0.76
1.52
B
0.002
0.008
0.05
0.20
C
0.305
0.320
7.75
8.13
D
0.006
0.012
0.15
0.31
E
0.079
0.103
2.00
2.62
F
0.260
0.280
6.60
7.11
G
0.108
0.128
2.75
3.25
H
0.220
0.245
5.59
6.22
SMC (REV: R2)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
SMC CASE - MECHANICAL OUTLINE
Notes: (1) Mounted on 2 inch square FR-4 PCB with minimum recommended SMC copper pad area.
(2) Surge Current (ir) - Maximum allowable peak, non-recurrent square wave current (tp=8.3ms).
(3) Voltage Regulation (ΔVZ) - VZ Measurements are made at 10% and then at 50% of the IZ max value listed in the electrical characteristics table.
The test current time duration for each VZ measurement is 40±10ms (TA=25°C).
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
SURGE
CURRENT
(Note 2)
MAXIMUM
VOLTAGE
REGULATION
(Note 3)
MAXIMUM
REGULATOR
CURRENT
(TL=75°C)
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT ZZK @ IZK
IR @ VR
ir
ΔVZ
IZM
VV
V
mA
Ω
Ω
mA
μA
V
A
V
mA
CMZ5359B
22.80
24
25.20
50
3.5
100
1.0
0.5
18.2
4.4
0.55
198
C5359B
CMZ5360B
23.75
25
26.25
50
4.0
110
1.0
0.5
19.0
4.3
0.55
190
C5360B
CMZ5361B
25.65
27
28.35
50
5.0
120
1.0
0.5
20.6
4.1
0.60
176
C5361B
CMZ5362B
26.60
28
29.40
50
6.0
130
1.0
0.5
21.2
3.9
0.60
170
C5362B
CMZ5363B
28.50
30
31.50
40
8.0
140
1.0
0.5
22.8
3.7
0.60
158
C5363B
CMZ5364B
31.35
33
34.65
40
10
150
1.0
0.5
25.1
3.5
0.65
144
C5364B
CMZ5365B
34.20
36
37.80
30
11
160
1.0
0.5
27.4
3.3
0.65
132
C5365B
CMZ5366B
37.05
39
40.95
30
14
170
1.0
0.5
29.7
3.1
0.65
122
C5366B
CMZ5367B
40.85
43
45.15
30
20
190
1.0
0.5
32.7
2.8
0.70
110
C5367B
CMZ5368B
44.65
47
49.35
25
25
210
1.0
0.5
35.8
2.7
0.80
100
C5368B
CMZ5369B
48.45
51
53.55
25
27
230
1.0
0.5
38.8
2.5
0.90
93.0
C5369B
CMZ5370B
53.20
56
58.80
20
35
280
1.0
0.5
42.6
2.3
1.00
86.0
C5370B
CMZ5371B
57.00
60
63.00
20
40
350
1.0
0.5
45.5
2.2
1.20
79.0
C5371B
CMZ5372B
58.90
62
65.10
20
42
400
1.0
0.5
47.1
2.1
1.35
76.0
C5372B
CMZ5373B
64.60
68
71.40
20
44
500
1.0
0.5
51.7
2.0
1.50
70.0
C5373B
CMZ5374B
71.25
75
78.75
20
45
620
1.0
0.5
56.0
1.9
1.60
63.0
C5374B
CMZ5375B
77.90
82
86.10
15
65
720
1.0
0.5
62.2
1.8
1.80
58.0
C5375B
CMZ5376B
82.65
87
91.35
15
75
760
1.0
0.5
66.0
1.7
2.00
54.5
C5376B
CMZ5377B
86.45
91
95.55
15
75
760
1.0
0.5
69.2
1.6
2.20
52.5
C5377B
CMZ5378B
95.00
100
105.0
12
90
800
1.0
0.5
76.0
1.5
2.50
47.5
C5378B
CMZ5379B
104.5
110
115.5
12
125
1000 1.0
0.5
83.6
1.4
2.50
43.0
C5379B
CMZ5380B
114.0
120
126.0
10
170
1150 1.0
0.5
91.2
1.3
2.50
39.5
C5380B
CMZ5381B
123.5
130
136.5
10
190
1250 1.0
0.5
98.8
1.2
2.50
36.6
C5381B
CMZ5382B
133.0
140
147.0
8.0
230
1500 1.0
0.5
106
1.2
2.50
34.0
C5382B
CMZ5383B
142.5
150
157.5
8.0
330
1500 1.0
0.5
114
1.1
3.00
31.6
C5383B
CMZ5384B
152.0
160
168.0
8.0
350
1650 1.0
0.5
122
1.1
3.00
29.4
C5384B
CMZ5385B
161.5
170
178.5
8.0
380
1750 1.0
0.5
129
1.0
3.00
28.0
C5385B
CMZ5386B
171.0
180
189.0
5.0
430
1750 1.0
0.5
137
1.0
4.00
26.4
C5386B
CMZ5387B
180.5
190
199.5
5.0
450
1850 1.0
0.5
144
0.9
5.00
25.0
C5387B
CMZ5388B
190.0
200
210.0
5.0
480
1850 1.0
0.5
152
0.9
5.00
23.6
C5388B
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.2V MAX @ IF=1.0A (for all types)
www.centr a lsemi.com
R14 (9-March 2015)


Similar Part No. - CMZ5379B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5379B CENTRAL-CMZ5379B Datasheet
149Kb / 2P
   HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
CMZ5379B CENTRAL-CMZ5379B Datasheet
302Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 6.8 THRU 200 VOLTS
CMZ5379B CENTRAL-CMZ5379B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
More results

Similar Description - CMZ5379B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com