Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784215AYGC Datasheet(PDF) 5 Page - NEC

Part # UPD784215AYGC
Description  16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784215AYGC Datasheet(HTML) 5 Page - NEC

  UPD784215AYGC Datasheet HTML 1Page - NEC UPD784215AYGC Datasheet HTML 2Page - NEC UPD784215AYGC Datasheet HTML 3Page - NEC UPD784215AYGC Datasheet HTML 4Page - NEC UPD784215AYGC Datasheet HTML 5Page - NEC UPD784215AYGC Datasheet HTML 6Page - NEC UPD784215AYGC Datasheet HTML 7Page - NEC UPD784215AYGC Datasheet HTML 8Page - NEC UPD784215AYGC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Data Sheet U14121EJ2V0DS00
5
µµµµPD784214A,784215A,784216A,784217A,784218A,784214AY,784215AY,784216AY,784217AY,784218AY
OVERVIEW OF FUNCTIONS (2/2)
Part Number
Item
µPD784214A,
µPD784214AY
µPD784215A,
µPD784215AY
µPD784216A,
µPD784216AY
µPD784217A,
µPD784217AY
µPD784218A,
µPD784218AY
Clock output
Selectable from fXX, fXX/2, fXX/2
2, fXX/23, fXX/24, fXX/25, fXX/26, fXX/27, fXT
Buzzer output
Selectable from fXX/2
10, fXX/211, fXX/212, fXX/213
Watch timer
1 channel
Watchdog timer
1 channel
Standby
• HALT/STOP/IDLE modes
• In low power consumption mode (with subsystem clock): HALT/IDLE modes
Hardware sources
29 (internal: 20, external: 9)
Software sources
BRK instruction, BRKCS instruction, operand error
Non-maskable
Internal: 1, external: 1
Interrupt
Maskable
Internal: 19, external: 8
• 4 programmable priority levels
• 3 service modes: Vectored interrupt/macro service/context switching
Supply voltage
VDD = 1.8 to 5.5 V
Package
100-pin plastic LQFP (fine pitch) (14
× 14 mm)
100-pin plastic QFP (14
× 20 mm)


Similar Part No. - UPD784215AYGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784215AY NEC-UPD784215AY Datasheet
349Kb / 60P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD784215AYGC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Siemens Semiconductor G...
C161V SIEMENS-C161V_96 Datasheet
3Mb / 260P
   16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com