Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMOZ36L Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMOZ36L
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ36L Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMOZ36L Datasheet HTML 1Page - Central Semiconductor Corp CMOZ36L Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMOZ1L8 THRU CMOZ47L
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODE
1.8 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR
@
VR
VVV
μA
Ω
μA
V
CMOZ12L
11.40
12
12.60
250
200
1.0
10.5
N8
CMOZ13L
12.35
13
13.65
250
200
1.0
10.5
N9
CMOZ15L
14.25
15
15.75
250
100
1.0
11.5
N0
CMOZ16L
15.20
16
16.80
250
100
1.0
14
P1
CMOZ18L
17.10
18
18.90
250
100
1.0
16
P2
CMOZ20L
19.00
20
21.00
250
150
1.0
18
P3
CMOZ22L
20.90
22
23.10
250
150
1.0
20
P4
CMOZ24L
22.80
24
25.20
250
150
1.0
22
P5
CMOZ27L
25.65
27
28.35
250
150
1.0
24
P6
CMOZ30L
28.50
30
31.50
250
200
1.0
27
P7
CMOZ33L
31.35
33
34.65
250
250
1.0
30
P8
CMOZ36L
34.20
36
37.80
250
200
1.0
33
P9
CMOZ39L
37.05
39
40.95
250
200
1.0
36
P0
CMOZ43L
40.85
43
45.15
250
250
1.0
40
R1
CMOZ47L
44.65
47
49.35
250
250
1.0
43
R2
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=0.9 MAX @ IF=10mA (for all types)
SOD-523 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Cathode
2) Anode
www.centr a lsemi.com
R8 (11-April 2011)


Similar Part No. - CMOZ36L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ36L CENTRAL-CMOZ36L Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMOZ36L CENTRAL-CMOZ36L Datasheet
111Kb / 2P
   SURFACE MOUNT ULTRAmini LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS
CMOZ36L CENTRAL-CMOZ36L Datasheet
347Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
More results

Similar Description - CMOZ36L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4678 CENTRAL-CMPZ4678_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMDZ5L8 CENTRAL-CMDZ5L8 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
CLL4678 CENTRAL-CLL4678_15 Datasheet
310Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES
CMPZ4678 CENTRAL-CMPZ4678_10 Datasheet
401Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4678 CENTRAL-CMHZ4678_15 Datasheet
382Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com