Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMOZ20V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMOZ20V
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ20V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMOZ20V Datasheet HTML 1Page - Central Semiconductor Corp CMOZ20V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMOZ2V4 THRU CMOZ43V
SURFACE MOUNT
SILICON ZENER DIODE
2.4 VOLTS THRU 43 VOLTS
5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMOZ2V4 Series
Zener Diode is a high quality voltage regulator in an
epoxy-molded ULTRAmini™ package, designed for
applications requiring low leakage.
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTICS TABLE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT @ IZT
MAXIMUM
REVERSE
CURRENT
IR
@
VR
MARKING
CODE
MIN
V
NOM
V
MAX
V
mA
Ω
μA
V
CMOZ2V4
2.28
2.4
2.52
5.0
100
25
1.0
F1
CMOZ2V6
2.47
2.6
2.73
5.0
100
25
1.0
F1A
CMOZ2V7
2.57
2.7
2.84
5.0
100
10
1.0
F2
CMOZ3V0
2.85
3.0
3.15
5.0
95
5.0
1.0
F3
CMOZ3V3
3.14
3.3
3.47
5.0
95
2.0
1.0
F4
CMOZ3V6
3.42
3.6
3.78
5.0
90
2.0
1.0
F5
CMOZ3V9
3.71
3.9
4.10
5.0
90
2.0
1.0
F6
CMOZ4V3
4.09
4.3
4.52
5.0
90
1.0
1.0
F7
CMOZ4V7
4.47
4.7
4.94
5.0
80
3.0
2.0
F8
CMOZ5V1
4.85
5.1
5.36
5.0
60
2.0
2.0
F9
CMOZ5V6
5.32
5.6
5.88
5.0
40
1.0
2.0
F0
CMOZ6V2
5.89
6.2
6.51
5.0
10
3.0
4.0
H1
CMOZ6V8
6.46
6.8
7.14
5.0
15
2.0
4.0
H2
CMOZ7V5
7.12
7.5
7.88
5.0
15
1.0
5.0
H3
CMOZ8V2
7.79
8.2
8.61
5.0
15
0.7
5.0
H4
CMOZ9V1
8.65
9.1
9.56
5.0
15
0.5
6.0
H5
CMOZ10V
9.50
10
10.50
5.0
20
0.2
7.0
H6
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Power Dissipation (Note 1) (TA=50°C)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (PD=300mW)
ΘJA
417
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9 MAX @ IF=10mA (for all types)
Notes:
(1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
SOD-523 CASE
R6 (15-April 2011)
www.centr a lsemi.com


Similar Part No. - CMOZ20V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ20V CENTRAL-CMOZ20V Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMOZ20V CENTRAL-CMOZ20V Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ20VC CENTRAL-CMOZ20VC Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMOZ20VC CENTRAL-CMOZ20VC Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMOZ20V

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com