Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLL4714 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLL4714
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4714 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLL4714 Datasheet HTML 1Page - Central Semiconductor Corp CLL4714 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLL4678 THRU CLL4717
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODES
1.8 VOLTS THRU 43 VOLTS
500mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL4678 Series
Silicon Low Level Zener Diode is a high quality voltage
regulator designed for applications requiring an
extremely low operating current and low leakage.
MARKING: CATHODE BAND
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
REVERSE LEAKAGE
CURRENT
MAXIMUM
VOLTAGE
CHANGE**
MAXIMUM
ZENER
CURRENT
MIN
NOM
MAX
IZT
IR @ VR
ΔVZ
IZM
VV
V
µA
µA
V
V
mA
CLL4678
1.710
1.8
1.890
50
7.5
1.0
0.70
120.0
CLL4679
1.900
2.0
2.100
50
5.0
1.0
0.70
110.0
CLL4680
2.090
2.2
2.310
50
4.0
1.0
0.75
100.0
CLL4681
2.280
2.4
2.520
50
2.0
1.0
0.80
95.0
CLL4682
2.565
2.7
2.835
50
1.0
1.0
0.85
90.0
CLL4683
2.850
3.0
3.150
50
0.8
1.0
0.90
85.0
CLL4684
3.135
3.3
3.465
50
7.5
1.5
0.95
80.0
CLL4685
3.420
3.6
3.780
50
7.5
2.0
0.95
75.0
CLL4686
3.705
3.9
4.095
50
5.0
2.0
0.97
70.0
CLL4687
4.085
4.3
4.515
50
4.0
2.0
0.99
65.0
CLL4688
4.465
4.7
4.935
50
10
3.0
0.99
60.0
CLL4689
4.845
5.1
5.355
50
10
3.0
0.97
55.0
CLL4690
5.320
5.6
5.880
50
10
4.0
0.96
50.0
CLL4691
5.890
6.2
6.510
50
10
5.0
0.95
45.0
CLL4692
6.460
6.8
7.140
50
10
5.1
0.90
35.0
CLL4693
7.125
7.5
7.875
50
10
5.7
0.75
31.8
CLL4694
7.790
8.2
8.610
50
1.0
6.2
0.50
29.0
CLL4695
8.265
8.7
9.135
50
1.0
6.6
0.10
27.4
CLL4696
8.645
9.1
9.555
50
1.0
6.9
0.08
26.2
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNIT
Power Dissipation
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.5V MAX @ IF=100mA (FOR ALL TYPES)
** ΔVZ=VZ @ 100µA MINUS VZ @ 10µA
SOD-80 CASE
R7 (8-January 2010)
www.centr a lsemi.com


Similar Part No. - CLL4714

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4714 CENTRAL-CLL4714 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4714 CENTRAL-CLL4714 Datasheet
310Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
More results

Similar Description - CLL4714

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2L4 CENTRAL-CMOZ2L4_15 Datasheet
497Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMPZ4678 CENTRAL-CMPZ4678_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMDZ5L8 CENTRAL-CMDZ5L8 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com