Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMHZ4625 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMHZ4625
Description  SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMHZ4625 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMHZ4625 Datasheet HTML 1Page - Central Semiconductor Corp CMHZ4625 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMHZ4678 THRU CMHZ4717
SURFACE MOUNT SILICON
LOW LEVEL ZENER DIODES
500mW, 1.8 THRU 43 VOLT
5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMHZ4678 series
low level silicon Zener diode is a highly reliable voltage
regulator designed for applications requiring an extremely
low operating current and low leakage.
SOD-123 CASE
MAXIMUM RATINGS: (TL=75°C)
SYMBOL
UNIT
Power Dissipation
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.5V MAX @ IF=100mA (for all types)
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTIC TABLE
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
REVERSE
CURRENT
IR
@
VR
MAXIMUM
ZENER
CURRENT
IZM
MAXIMUM
NOISE
DENSITY
ND @ IZT
MARKING
CODE
MIN
V
NOM
V
MAX
V
μA
μA
V
mA
μV/
Hz
CMHZ4678
1.710
1.8
1.890
50
7.5
1.0
120.0
1.0
CCC
CMHZ4679
1.900
2.0
2.100
50
5.0
1.0
110.0
1.0
CCD
CMHZ4680
2.090
2.2
2.310
50
4.0
1.0
100.0
1.0
CCE
CMHZ4681
2.280
2.4
2.520
50
2.0
1.0
95.0
1.0
CCF
CMHZ4682
2.565
2.7
2.835
50
1.0
1.0
90.0
1.0
CCH
CMHZ4683
2.850
3.0
3.150
50
0.8
1.0
85.0
1.0
CCJ
CMHZ4684
3.135
3.3
3.465
50
7.5
1.5
80.0
1.0
CCK
CMHZ4685
3.420
3.6
3.780
50
7.5
2.0
75.0
1.0
CCM
CMHZ4686
3.705
3.9
4.095
50
5.0
2.0
70.0
1.0
CCN
CMHZ4687
4.085
4.3
4.515
50
4.0
2.0
65.0
1.0
CCP
CMHZ4688
4.465
4.7
4.935
50
10
3.0
60.0
1.0
CCT
CMHZ4689
4.845
5.1
5.355
50
10
3.0
55.0
2.0
CCU
CMHZ4690
5.320
5.6
5.880
50
10
4.0
50.0
4.0
CCV
CMHZ4691
5.890
6.2
6.510
50
10
5.0
45.0
5.0
CCA
CMHZ4692
6.460
6.8
7.140
50
10
5.1
35.0
40
CCX
CMHZ4693
7.125
7.5
7.875
50
10
5.7
31.8
40
CCY
CMHZ4694
7.790
8.2
8.610
50
1.0
6.2
29.0
40
CCZ
CMHZ4695
8.265
8.7
9.135
50
1.0
6.6
27.4
40
CDC
CMHZ4696
8.645
9.1
9.555
50
1.0
6.9
26.2
40
CDD
R6 (20-November 2013)
www.centr a lsemi.com


Similar Part No. - CMHZ4625

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4625 CENTRAL-CMHZ4625 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4625 CENTRAL-CMHZ4625 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 1.8 VOLTS THRU 6.2 VOLTS 500mW
CMHZ4625 CENTRAL-CMHZ4625 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
More results

Similar Description - CMHZ4625

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4_15 Datasheet
497Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMPZ4678 CENTRAL-CMPZ4678_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMDZ5L8 CENTRAL-CMDZ5L8 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com