Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C11 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BZX84C11
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZX84C11 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BZX84C11 Datasheet HTML 1Page - Central Semiconductor Corp BZX84C11 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX84C2V4
THRU
BZX84C47
SURFACE MOUNT
SILICON ZENER DIODE
350mW, 2.4 THRU 47 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BZX84C2V4
Series are surface mount silicon Zener diodes. These
high quality voltage regulating diodes are designed
for use in industrial, commercial, entertainment and
computer applications.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9V MAX @ IF=10mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDENCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
BZX84C2V4
2.2
2.4
2.6
5.0
100
600
1.0
50
1.0
104
-0.06
W3
BZX84C2V7
2.5
2.7
2.9
5.0
100
600
1.0
20
1.0
92
-0.06
W4
BZX84C3V0
2.8
3.0
3.2
5.0
95
600
1.0
10
1.0
83
-0.06
W5
BZX84C3V3
3.1
3.3
3.5
5.0
95
600
1.0
5.0
1.0
76
-0.06
W6
BZX84C3V6
3.4
3.6
3.8
5.0
90
600
1.0
5.0
1.0
69
-0.06
W7
BZX84C3V9
3.7
3.9
4.1
5.0
90
600
1.0
3.0
1.0
64
-0.06
W8
BZX84C4V3
4.0
4.3
4.6
5.0
90
600
1.0
3.0
1.0
58
-0.05
W9
BZX84C4V7
4.4
4.7
5.0
5.0
80
500
1.0
3.0
2.0
53
-0.03
Z1
BZX84C5V1
4.8
5.1
5.4
5.0
60
480
1.0
2.0
2.0
49
0.02
Z2
BZX84C5V6
5.2
5.6
6.0
5.0
40
400
1.0
1.0
2.0
45
0.03
Z3
BZX84C6V2
5.8
6.2
6.6
5.0
10
150
1.0
3.0
4.0
40
0.04
Z4
BZX84C6V8
6.4
6.8
7.2
5.0
15
80
1.0
2.0
4.0
37
0.05
Z5
BZX84C7V5
7.0
7.5
7.9
5.0
15
80
1.0
1.0
5.0
33
0.05
Z6
BZX84C8V2
7.7
8.2
8.7
5.0
15
80
1.0
0.7
5.0
30
0.06
Z7
BZX84C9V1
8.5
9.1
9.6
5.0
15
100
1.0
0.5
6.0
27
0.06
Z8
BZX84C10
9.4
10
10.6
5.0
20
150
1.0
0.2
7.0
25
0.07
Z9
Tolerance Code
Tolerance
A
±1%
B
±2%
BZX8 4 C 4 V 7
Part Number Identification
Tolerance Code
Nominal Value Code(i.e. 4.7 Volts)
Device Series
SOT-23 CASE
R7 (20-November 2009)
www.centr a lsemi.com


Similar Part No. - BZX84C11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C11 VISHAY-BZX84C11 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
KEC(Korea Electronics)
BZX84C11 KEC-BZX84C11 Datasheet
363Kb / 3P
   SEMICONDUCTOR
logo
Taiwan Semiconductor Co...
BZX84C11 TSC-BZX84C11 Datasheet
594Kb / 3P
   350mW Surface Mount Zener Diode
logo
Diodes Incorporated
BZX84C11 DIODES-BZX84C11 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Jiangsu Changjiang Elec...
BZX84C11 JIANGSU-BZX84C11 Datasheet
134Kb / 3P
   Plastic-Encapsulate Diode
More results

Similar Description - BZX84C11

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com