Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMHZ4615 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMHZ4615
Description  SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMHZ4615 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMHZ4615 Datasheet HTML 1Page - Central Semiconductor Corp CMHZ4615 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMHZ4678 THRU CMHZ4717
SURFACE MOUNT SILICON
LOW LEVEL ZENER DIODES
500mW, 1.8 THRU 43 VOLT
5% TOLERANCE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=1.5V MAX @ IF=100mA (for all types)
SOD-123 CASE - MECHANICAL OUTLINE
Lead Code:
1) Cathode
2) Anode
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
REVERSE
CURRENT
IR
@
VR
MAXIMUM
ZENER
CURRENT
IZM
MAXIMUM
NOISE
DENSITY
ND @ IZT
MARKING
CODE
MIN
V
NOM
V
MAX
V
μA
μA
V
mA
μV/
Hz
CMHZ4697
9.500
10
10.50
50
1.0
7.6
24.8
40
CDE
CMHZ4698
10.45
11
11.55
50
0.05
8.4
21.6
40
CDF
CMHZ4699
11.40
12
12.60
50
0.05
9.1
20.4
40
CDH
CMHZ4700
12.35
13
13.65
50
0.05
9.8
19.0
40
CDJ
CMHZ4701
13.30
14
14.70
50
0.05
10.6
17.5
40
CDK
CMHZ4702
14.25
15
15.75
50
0.05
11.4
16.3
40
CDM
CMHZ4703
15.20
16
16.80
50
0.05
12.1
15.4
40
CDN
CMHZ4704
16.15
17
17.85
50
0.05
12.9
14.5
40
CDP
CMHZ4705
17.10
18
18.90
50
0.05
13.6
13.2
40
CDT
CMHZ4706
18.05
19
19.95
50
0.05
14.4
12.5
40
CDU
CMHZ4707
19.00
20
21.00
50
0.01
15.2
11.9
40
CDV
CMHZ4708
20.90
22
23.10
50
0.01
16.7
10.8
40
CDA
CMHZ4709
22.80
24
25.20
50
0.01
18.2
9.9
40
CDZ
CMHZ4710
23.75
25
26.25
50
0.01
19.0
9.5
40
CDY
CMHZ4711
25.65
27
28.35
50
0.01
20.4
8.8
40
CEA
CMHZ4712
26.60
28
29.40
50
0.01
21.2
8.5
40
CEC
CMHZ4713
28.50
30
31.50
50
0.01
22.8
7.9
40
CED
CMHZ4714
31.35
33
34.65
50
0.01
25.0
7.2
40
CEE
CMHZ4715
34.20
36
37.80
50
0.01
27.3
6.6
40
CEF
CMHZ4716
37.05
39
40.95
50
0.01
29.6
6.1
40
CEH
CMHZ4717
40.85
43
45.15
50
0.01
32.6
5.5
40
CEJ
www.centr a lsemi.com
R6 (20-November 2013)


Similar Part No. - CMHZ4615

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4615 CENTRAL-CMHZ4615 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4615 CENTRAL-CMHZ4615 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 1.8 VOLTS THRU 6.2 VOLTS 500mW
CMHZ4615 CENTRAL-CMHZ4615 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
More results

Similar Description - CMHZ4615

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4_15 Datasheet
497Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMPZ4678 CENTRAL-CMPZ4678_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
CMDZ5L8 CENTRAL-CMDZ5L8 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com