Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDZ3V3 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMDZ3V3
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ3V3 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMDZ3V3 Datasheet HTML 1Page - Central Semiconductor Corp CMDZ3V3 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMDZ2V4 THRU CMDZ47V
SURFACE MOUNT
SILICON ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMDZ2V4 Series
Zener Diode is a high quality voltage regulator in an
epoxy-molded SUPERmini™ package, designed for
applications requiring low leakage.
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VVV
mA
Ω
μA
V
CMDZ2V4
2.28
2.4
2.52
5.0
100
25
1.0
2V4
CMDZ2V6
2.47
2.6
2.73
5.0
100
25
1.0
2V6
CMDZ2V7
2.57
2.7
2.84
5.0
100
10
1.0
2V7
CMDZ3V0
2.85
3.0
3.15
5.0
95
5.0
1.0
3V0
CMDZ3V3
3.14
3.3
3.47
5.0
95
2.0
1.0
3V3
CMDZ3V6
3.42
3.6
3.78
5.0
90
2.0
1.0
3V6
CMDZ3V9
3.71
3.9
4.10
5.0
90
2.0
1.0
3V9
CMDZ4V3
4.09
4.3
4.52
5.0
90
1.0
1.0
4V3
CMDZ4V7
4.47
4.7
4.94
5.0
80
3.0
2.0
4V7
CMDZ5V1
4.85
5.1
5.36
5.0
60
2.0
2.0
5V1
CMDZ5V6
5.32
5.6
5.88
5.0
40
1.0
2.0
5V6
CMDZ6V2
5.89
6.2
6.51
5.0
10
3.0
4.0
6V2
CMDZ6V8
6.46
6.8
7.14
5.0
15
2.0
4.0
6V8
CMDZ7V5
7.12
7.5
7.88
5.0
15
1.0
5.0
7V5
CMDZ8V2
7.79
8.2
8.61
5.0
15
0.7
5.0
8V2
CMDZ9V1
8.65
9.1
9.56
5.0
15
0.5
6.0
9V1
CMDZ10V
9.50
10
10.50
5.0
20
0.2
7.0
10V
CMDZ11V
10.45
11
11.55
5.0
20
0.1
8.0
11V
CMDZ12V
11.40
12
12.60
5.0
25
0.1
8.0
12V
CMDZ13V
12.35
13
13.65
5.0
30
0.1
8.0
13V
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA =50°C)
SYMBOL
UNIT
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9 MAX @ IF=10mA (FOR ALL TYPES)
SOD-323 CASE
R2 (8-January 2010)
www.centr a lsemi.com


Similar Part No. - CMDZ3V3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ3V3 CENTRAL-CMDZ3V3 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ3V3 CENTRAL-CMDZ3V3 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results

Similar Description - CMDZ3V3

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com