Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT04N20 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STT04N20
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STT04N20 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STT04N20 Datasheet HTML 1Page - SamHop Microelectronics Corp. STT04N20 Datasheet HTML 2Page - SamHop Microelectronics Corp. STT04N20 Datasheet HTML 3Page - SamHop Microelectronics Corp. STT04N20 Datasheet HTML 4Page - SamHop Microelectronics Corp. STT04N20 Datasheet HTML 5Page - SamHop Microelectronics Corp. STT04N20 Datasheet HTML 6Page - SamHop Microelectronics Corp. STT04N20 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
200
V
1
IGSS
±100
nA
VGS(th)
V
1.4
gFS
S
CISS
385
pF
COSS
21
pF
CRSS
12
pF
Qg
8.3
nC
10
20
4.5
tD(ON)
5.7
ns
tr
ns
tD(OFF)
ns
tf
ns
VDS=25V,VGS=0V
SWITCHING CHARACTERISTICS
VDD=100V
ID=0.5A
VGS=10V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
ohm
VGS=10V , ID=0.5A
VDS=10V , ID=0.5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=160V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
VGS=4.5V , ID=0.5A
1.8
1.6
2.0
ohm
c
f=1.0MHz
c
STT04N20
Ver 1.0
www.samhop.com.tw
Nov,01,2012
2
nC
Qgs
nC
Qgd
0.9
1.2
Gate-Drain Charge
Gate-Source Charge
VDS=100V,ID=0.5A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
nC
3
VDS=100V,ID=0.5A,VGS=10V
VDS=100V,ID=0.5A,VGS=4.5V
VSD
Diode Forward Voltage
VGS=0V,IS=0.5A
0.81
1.2
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
_
_
_
11.8
2.5
7.5


Similar Part No. - STT04N20

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STT01L07 SAMHOP-STT01L07 Datasheet
139Kb / 8P
   Super high dense cell design for low RDS(ON).
STT01L10 SAMHOP-STT01L10 Datasheet
132Kb / 8P
   Super high dense cell design for low RDS(ON).
STT02N10 SAMHOP-STT02N10 Datasheet
140Kb / 8P
   Super high dense cell design for low RDS(ON).
STT02N20 SAMHOP-STT02N20 Datasheet
140Kb / 8P
   Super high dense cell design for low RDS(ON).
STT03L03 SAMHOP-STT03L03 Datasheet
140Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STT04N20

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com