Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS8212 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STS8212
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS8212 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STS8212 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS8212 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS8212 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS8212 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS8212 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS8212 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS8212 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STS8212
Ver 1.0
www.samhop.com.tw
Mar,09,2012
5
QG - Gate Charge -nC
0.01
0.1
100
10
1
0.6
0.4
0.2
0
VF(S-D) - Source to Drain Voltage - V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0
-50
30
20
10
150
100
50
0
Tch - Channel Temperature - °C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
40
4.0 V
0
0
4
3
2
8
6
4
2
1
1.2
1.0
0.8
VGS =0V
3.7 V
ID =4A
3.1 V
VGS = 2.5 V
12
1.4
50
60
10
ID =8A
VDD = 4.0 V
10 V
16 V
10
0.1
100
1000
100
10
1
VDS - Drain to Source Voltage - V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
Coss
Crss
Ciss
1
0.1
10
100
10
1
ID - Drain Current - A
SWITCHING CHARACTERISTICS
VDD = 16.0 V
VGS = 4.5 V
RG =6 Ω
td(on)
td(off)
tr
tf


Similar Part No. - STS8212

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS8213 SAMHOP-STS8213 Datasheet
116Kb / 7P
   Super high dense cell design for low RDS(ON).
STS8215 SAMHOP-STS8215 Datasheet
133Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
logo
VBsemi Electronics Co.,...
STS8215 VBSEMI-STS8215 Datasheet
443Kb / 8P
   Dual N-Channel MOSFET
logo
SamHop Microelectronics...
STS8216 SAMHOP-STS8216 Datasheet
185Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
VBsemi Electronics Co.,...
STS8216 VBSEMI-STS8216 Datasheet
442Kb / 8P
   Dual N-Channel MOSFET
More results

Similar Description - STS8212

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com