Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS6604L Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # STS6604L
Description  Dual Enhancement Mode Field Effect Transistor ( N and P Channel )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS6604L Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button STS6604L Datasheet HTML 3Page - SamHop Microelectronics Corp. STS6604L Datasheet HTML 4Page - SamHop Microelectronics Corp. STS6604L Datasheet HTML 5Page - SamHop Microelectronics Corp. STS6604L Datasheet HTML 6Page - SamHop Microelectronics Corp. STS6604L Datasheet HTML 7Page - SamHop Microelectronics Corp. STS6604L Datasheet HTML 8Page - SamHop Microelectronics Corp. STS6604L Datasheet HTML 9Page - SamHop Microelectronics Corp. STS6604L Datasheet HTML 10Page - SamHop Microelectronics Corp. STS6604L Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
STS6604L
www.samhop.com.tw
Jul,22,2010
8
-VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
-VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
-VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
)
Figure 11. switching characteristics
-VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
0.1
1
10
20
0.02
0.1
1
10
50
100
360
300
240
180
120
60
0
0.5
3.0 3.5 4.0 4.5
0
2.5
2.0
1.5
1.0
ID=-2.5A
25 C
75 C
125 C
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
5.0
125 C
25 C
75 C
C rs s
C s s
o
C s s
i
420
350
280
210
140
70
0
4
6
8
10
12
0
2
2.5
2.0
1.5
1.0
0.5
0
0
0.5 1.0 1.5 2.0 2.5 3.0
3.5 4.0
V DS = -10V
ID=-2.5A
1
10
100
10
1
0.1
100
6
60
VDS=10V,ID=1A
VGS=4.5V
TD(on)
Tf
TD(off )
Tr
R
DS
(O
N)
Lim
it
VGS=-4.5V
Single Pulse
TA=25 C
DC
10s
100
ms
10m
s
100
us
1m
s
Ver 1.0


Similar Part No. - STS6604L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS6604L VBSEMI-STS6604L Datasheet
613Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - STS6604L

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com