Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS3620 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # STS3620
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3620 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  STS3620 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STS3620
www.samhop.com.tw
Jul,30,2013
7
TSOT 26 Tape and Reel Data
TSOT 26 Carrier Tape
TSOT 26 Reel
SOT 26
A
4.00
2.00
0.10
+ 0.05
4.00 + 0.10
+
1.00
+0.10
0.00
1.50
+0.10
0.00
1.75
0.10
+
3.50 0.05
+
A
B
B
0.25 + 0.05
R0.3
R0.3
Ko 1.5 + 0.1
SECTION A-A
3.3 + 0.1
5
Max
R0.3
SECTION B-B
9.0
1.50
+1.5
-0
2.2 + 0.5
13.5+0.5
SCALE 2:1
Ver 2.0


Similar Part No. - STS3620

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS3621 SAMHOP-STS3621 Datasheet
195Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
logo
VBsemi Electronics Co.,...
STS3621 VBSEMI-STS3621 Datasheet
603Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
SamHop Microelectronics...
STS3622 SAMHOP-STS3622 Datasheet
799Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STS3622 VBSEMI-STS3622 Datasheet
521Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
SamHop Microelectronics...
STS3623 SAMHOP-STS3623 Datasheet
152Kb / 8P
   Dual N-Channel Enhancement Mode Field E ffect Trans is tor
More results

Similar Description - STS3620

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com