Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS3429 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STS3429
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3429 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STS3429 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3429 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3429 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3429 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3429 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3429 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3429 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS3429 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
-30V
-3.2A
105 @ VGS=-4.5V
85 @ VGS=-10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Suface Mount Package.
P-Channel Enhancement Mode Field Effect Transistor
www.samhop.com.tw
Dec,24,2014
1
Details are subject to change without notice.
SOT -23
G
S
D
S
G
D
STS3429
Green
Product
THERMAL CHARACTERISTICS
100
Thermal Resistance, Junction-to-Ambient
R JA
°C/W
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
-30
-3.2
-12
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
ac
A
TA=25°C
W
PD
°C
1.25
-55 to 150
TA=25°C
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
TA=70°C
-2.56
A
TA=70°C
0.8
W
c
Ver 2.0


Similar Part No. - STS3429

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS3420 SAMHOP-STS3420 Datasheet
113Kb / 8P
   Super high dense cell design for low RDS(ON).
STS3426 SAMHOP-STS3426 Datasheet
127Kb / 8P
   Super high dense cell design for low RDS(ON).
logo
VBsemi Electronics Co.,...
STS3426 VBSEMI-STS3426 Datasheet
490Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - STS3429

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com