Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS3406 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STS3406
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3406 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STS3406 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS3406 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.samhop.com.tw
May,29,2014
6
STS3406
Ver 1.0
PACKAGE OUTLINE DIMENSIONS
SOT 23
D
e
e1
b
1
2
3
L
DETAIL "A"
MILLIMETERS
INCHES
SYMBOLS
D
E
2.700
3.100
2.200
3.000
E1
1.200
1.700
e
e1
b
0.350
0.510
C
0.090
0.200
A
A1
0.000
0.102
0.887
1.200
L1
L
L1
0.550 REF.
0
O
10
O
0.106
0.122
0.087
0.118
0.047
0.067
0.014
0.020
0.004
0.008
0.000
0.004
0.035
0.047
0.022 REF.
0
O
10
O
MIN
MAX
MIN
MAX
0.850
1.150
0.033
0.045
1.800
2.100
0.071
0.083
0.450 REF.
0.018 REF.
DETAIL "A"


Similar Part No. - STS3406

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS3400 SAMHOP-STS3400 Datasheet
716Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Trans is tor
logo
VBsemi Electronics Co.,...
STS3400 VBSEMI-STS3400 Datasheet
481Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
SamHop Microelectronics...
STS3401 SAMHOP-STS3401 Datasheet
680Kb / 7P
   P-Channel E nhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STS3401 VBSEMI-STS3401 Datasheet
490Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
SamHop Microelectronics...
STS3401A SAMHOP-STS3401A Datasheet
101Kb / 7P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STS3406

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com