Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS2622A Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS2622A
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2622A Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS2622A Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2622A Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2622A Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2622A Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2622A Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2622A Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2622A Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
IGSS
±100
nA
VGS(th)
0.5
V
48
gFS
9.5
S
CISS
230
pF
COSS
55
pF
CRSS
35
pF
Qg
7
nC
7.2
nC
Qgs
13.5
nC
Qgd
1.6
tD(ON)
4.5
ns
tr
0.9
ns
tD(OFF)
1.9
ns
tf
ns
Gate-Drain Charge
VDS=10V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=10V
ID=1A
VGS=4.5V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
m ohm
VGS=4.5V , ID=3.4A
VDS=5V , ID=3.4A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=16V , VGS=0V
VGS= ±12V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
VGS=2.5V , ID=2.8A
60
67
90
m ohm
c
f=1.0MHz
c
VDS=10V,ID=3.4A,
VGS=4.5V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
STS2622A
www.samhop.com.tw
Jul,22,2010
2
VSD
Diode Forward Voltage
VGS=0V,IS=1A
0.8
1.2
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
_
_
_
0.78
1.5
Ver 2.0


Similar Part No. - STS2622A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS2622A VBSEMI-STS2622A Datasheet
521Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - STS2622A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com