Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS2620A Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS2620A
Description  Dual Enhancement Mode Field Effect Transistor (N and P Channel )
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2620A Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS2620A Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2620A Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2620A Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2620A Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2620A Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2620A Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2620A Datasheet HTML 7Page - SamHop Microelectronics Corp. STS2620A Datasheet HTML 8Page - SamHop Microelectronics Corp. STS2620A Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
IGSS
±100
nA
VGS(th)
0.5
V
40
gFS
11
S
VSD
CISS
248
pF
COSS
83
pF
CRSS
67
pF
Qg
8.8
nC
14.1
nC
Qgs
18.1
nC
Qgd
9
tD(ON)
5.6
ns
tr
1.2
ns
tD(OFF)
2.5
ns
tf
ns
Gate-Drain Charge
VDS=10V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=10V
ID=1A
VGS=4.5V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
m ohm
VGS=4.5V , ID=2.5A
VDS=5V,ID=2.5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=250uA
VDS=16V , VGS=0V
VGS=±10V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V,ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
VGS=2.5V , ID=2A
50
56
76
m ohm
c
f=1.0MHz
c
VDS=10V,ID=2.5A,
VGS=4.5V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=1A
0.8
1.2
V
STS2620A
Ver1.2
www.samhop.com.tw
Nov,24,2010
2
0.7
1.5
N-Channel ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)


Similar Part No. - STS2620A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS2620A VBSEMI-STS2620A Datasheet
613Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - STS2620A

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com