Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS2305A Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STS2305A
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2305A Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STS2305A Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2305A Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2305A Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2305A Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2305A Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2305A Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2305A Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.samhop.com.tw
Jun,02,2010
4
-VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
-VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
-VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
)
Figure 11. switching characteristics
-VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
Gate-Source Voltage
Variation with Source Current
10
1
0.1
0.1
1
10
30 50
R
DS
(O
N)
Lim
it
V GS =-4.5V
S ingle P uls e
T A=25 C
Crss
Coss
Ciss
600
500
400
300
200
100
0
4
6
8
10
12
0
2
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
5.0
25 C
125 C
75 C
180
150
120
90
60
30
0
0.5
3.0 3.5
4.0
4.5
0
2.5
2.0
1.5
1.0
ID=-3.3A
125 C
25 C
75 C
5
4
3
2
1
0
0
2
4
6
8
10
12
V DS = -10V
ID=-3.3A
STS2305A
Ver 1.1
100
10
1
60
1
6
10
100
VDS=-10V,ID=-1A
VGS=-4.5V
TD(off )
Tr
Tf
TD(on)
60
DC
100
us
10s
100
ms
1m
s
10m
s


Similar Part No. - STS2305A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS2305A VBSEMI-STS2305A Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - STS2305A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com