Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3545-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3545-1
Description  Triple 800mA Synchronous Step-Down Regulator??.25MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC3545-1_15 Datasheet HTML 1Page - Linear Technology LTC3545-1_15 Datasheet HTML 2Page - Linear Technology LTC3545-1_15 Datasheet HTML 3Page - Linear Technology LTC3545-1_15 Datasheet HTML 4Page - Linear Technology LTC3545-1_15 Datasheet HTML 5Page - Linear Technology LTC3545-1_15 Datasheet HTML 6Page - Linear Technology LTC3545-1_15 Datasheet HTML 7Page - Linear Technology LTC3545-1_15 Datasheet HTML 8Page - Linear Technology LTC3545-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3545/LTC3545-1
3
35451fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3545E/LTC3545E-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3545I/LTC3545I-1 are guaranteed to meet performance specifications
over the full –40°C to 125°C operating junction temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD)(68°C/W)
This IC includes overtemperature protection that is intended to protect
the device during momentary overload conditions. Junction temperature
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VLOADREG
Output Voltage Load Regulation (Notes 5, 6)
0.5
%
IFBx
Feedback Pin Leakage (Note 5)
80
nA
IS
Input DC Bias Current (All Regulators Enabled)
Pulse Skip (Active Mode)
Burst Mode Operation (All Regulators Sleeping)
Shutdown (RUNX = 0V)
ILOAD = 0A, 2.25MHz
VFBx = 0.5V
VFBx = 0.7V
680
58
0.1
750
70
2.0
μA
μA
μA
fOSC
Oscillator Frequency
1.8
2.25
2.7
MHz
fSYNC
Synchronization Frequency
LTC3545 Only
13
MHz
VRUN(HIGH)
RUNx Input High Voltage
1V
VRUN(LOW)
RUNx Input Low Voltage
0.3
V
IRUNx
RUN Leakage Current
±0.1
±1
μA
ILSWx
SWx Leakage
VRUNx = 0V, VSWx = 0V or 5.5V, VIN = 5.5V
±0.1
±1
μA
ISYNC
SYNC Leakage
VRUN = 0V, VSYNC = 0V or 5.5V,
VIN = 5.5V
±0.1
±1
μA
TPGOODx
Power Good Threshold–Deviation From VFB
Steady State (0.6V)
VFBx Ramping Up
VFBx Ramping Down
–7.5
–10
%
%
RPGOODx
Power Good Pull-Down On-Resistance
IPGD = 50mA
14
50
Ω
MODE/SYNC Thresholds
0.93
V
Individual Regulator Characteristics (One Regulator Enabled)
tSS
Soft-Start Period
VFBx = 10% to 90% Fullscale
850
1100
μs
IPK
Peak Switch Current Limit
1
1.3
1.6
A
IQ
Input DC Bias Current
Pulse Skip (Active Mode)
Burst Mode Operation (Sleeping)
ILOAD = 0A, 2.25MHz
VFBx = 0.5V
VFBx = 0.7V
310
31
μA
μA
RPFET
RDS(ON) of P-Channel FET (Note 7)
ISWx = 100mA
0.35
Ω
RNFET
RDS(ON) of N-Channel FET (Note 7)
ISWx = –100mA
0.35
Ω
VUVLO
Undervoltage Lockout
(High VCC to Low)
1.8
2.25
V
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = PVIN = 3.6V unless otherwise noted. (Note 3)
will exceed 125°C when overtemperature is active. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: The LTC3545/LTC3545-1 are tested in a proprietary test mode that
connects VFB to the output of the error amplifier.
Note 6: Load regulation is inferred by measuring the regulation loop gain.
Note 7: The QFN switch-on resistance is guaranteed by correlation to
water level measurements.
Note 8: Guaranteed by long-term current density limitations.


Similar Part No. - LTC3545-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
LTC3545EUD-1-PBF LINER-LTC3545EUD-1-PBF Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
LTC3545EUD-1-TRPBF LINER-LTC3545EUD-1-TRPBF Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
LTC3545EUD-PBF LINER-LTC3545EUD-PBF Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
LTC3545EUD-TRPBF LINER-LTC3545EUD-TRPBF Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
More results

Similar Description - LTC3545-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3545 LINER-LTC3545_15 Datasheet
303Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator??.25MHz
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
E-CMOS Corporation
EC3210 E-CMOS-EC3210 Datasheet
1Mb / 16P
   1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
   1.5MHz 800mA Synchronous Step-Down Regulator Dropout
logo
Linear Technology
LTC3560 LINER-LTC3560_15 Datasheet
266Kb / 16P
   2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3560 LINER-LTC3560 Datasheet
327Kb / 16P
   2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com